Electronic Components Datasheet Search
  English  ▼

X  

KB2516 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # KB2516
Description  TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2516 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button KB2516 Datasheet HTML 9Page - Samsung semiconductor KB2516 Datasheet HTML 10Page - Samsung semiconductor KB2516 Datasheet HTML 11Page - Samsung semiconductor KB2516 Datasheet HTML 12Page - Samsung semiconductor KB2516 Datasheet HTML 13Page - Samsung semiconductor KB2516 Datasheet HTML 14Page - Samsung semiconductor KB2516 Datasheet HTML 15Page - Samsung semiconductor KB2516 Datasheet HTML 16Page - Samsung semiconductor KB2516 Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
KB2516 (Preliminary)
13
Figure 1 is a block diagram of the pre-amp that is used in AD2516X. A clamp circuit is required to set the input
DC level because the RGB signal input is AC coupled as it passes through the capacitor to be sent to the pre-
amp. The signal to control the clamp is made from the HSYNC signal in the sync processor block. The clamp
level control, which uses an 8-bit DAC, has two modes, first, the coarse level control that controls 3 RGB
channels simultaneously and, second, the fine level control that controls each channel clamp level independently.
The input signal is gain controlled through the 8-bit DAC for a maximum gain amplification of 2.3dB. As in the
clamp level control, the pre-amp has two modes: 1.) coarse level control that controls 3 RGB channels
simultaneously and 2.) fine level control which controls them independently.
T/H
15
Comps
Vref_tap
Gen.
OVF
UDF
Channel A<7:0>
8
Channel B<7:0>
8
8
4
5
T/H
VIN
31
Comps
Output Mode
Control
Figure 2. ADC Block Diagram
Figure 2 which has the 2-step pipeline configuration is a block diagram of the ADC used in AD2516X. It uses 1
overlap bit for digital correction and supports 3 output modes, signal channel mode, dual channel interleaving
mode, and dual channel parallel mode.
The sync processor block converts the HSYNC or SOG input to a positive HSYNC signal, which can be
processed by PLL, and also makes the clock signal needed for clamp level control from the HSYNC. When
HSYNC and SOG inputs enter simultaneously, it is designed to place priority on the HSYNC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com