Electronic Components Datasheet Search
  English  ▼

X  

KB2516 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KB2516
Description  TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2516 Datasheet(HTML) 2 Page - Samsung semiconductor

  KB2516 Datasheet HTML 1Page - Samsung semiconductor KB2516 Datasheet HTML 2Page - Samsung semiconductor KB2516 Datasheet HTML 3Page - Samsung semiconductor KB2516 Datasheet HTML 4Page - Samsung semiconductor KB2516 Datasheet HTML 5Page - Samsung semiconductor KB2516 Datasheet HTML 6Page - Samsung semiconductor KB2516 Datasheet HTML 7Page - Samsung semiconductor KB2516 Datasheet HTML 8Page - Samsung semiconductor KB2516 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
KB2516 (Preliminary)
TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
2
BLCOK DIAGRAM
B_IN
G_IN
G_IN
Blue Channel
Green Channel
CLAMP
Red Channel
ADC
R_OUTB<7:0>
G_OUTA<7:0>
Output
Drver
CLAMP
Control
Gain
Control
CKA
(from PLL)
Output
Mode
8-bit
8-bit
G_OUTA<7:0>
G_OUTB<7:0>
B_OUTA<7:0>
B_OUTB<7:0>
Divider
PFD
VCO
CKB
CKA
CKA
I2C and
3-wire
PLL
Gain Control
CLAMP Control
PLL Control
ADC Output
Mode Control
Sync
Processor
VSYNC OUT
HSYNC OUT
SDA
SCL
SEN
I2C_3W
HSYNC IN
SOG IN
VSYNC IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com