Electronic Components Datasheet Search
  English  ▼

X  

KB2516 Datasheet(PDF) 21 Page - Samsung semiconductor

Part # KB2516
Description  TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2516 Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button KB2516 Datasheet HTML 17Page - Samsung semiconductor KB2516 Datasheet HTML 18Page - Samsung semiconductor KB2516 Datasheet HTML 19Page - Samsung semiconductor KB2516 Datasheet HTML 20Page - Samsung semiconductor KB2516 Datasheet HTML 21Page - Samsung semiconductor KB2516 Datasheet HTML 22Page - Samsung semiconductor KB2516 Datasheet HTML 23Page - Samsung semiconductor KB2516 Datasheet HTML 24Page - Samsung semiconductor KB2516 Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
KB2516 (Preliminary)
21
•
Clamp pulse width control (CW)
CW<1:0>
Pulse Width
00
0.31us
01
0.54us
10
0.78us
11
1.01us
•
DACTEST output selection control (DACTEST)
Select one of eight DAC output current
DACTEST<7:0>
Selected DAC
11111111
No selection
11111110
Coarse gain control DAC
11111101
Red channel fine gain control DAC
11111011
Green channel fine gain control DAC
11110111
Blue channel fine gain control DAC
11101111
Coarse brightness control DAC
11011111
Red channel fine brightness control DAC select
10111111
Green channel fine brightness control DAC select
01111111
Blue channel fine brightness control DAC select
Analog-to-Digital Converter (ADC) Control
•
Output mode selection (M)
M<1:0>
Output mode
00
Single channel output mode
01
Dual channel interleaving output mode
10
Dual channel parallel output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com