Electronic Components Datasheet Search
  English  ▼

X  

KB2516 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KB2516
Description  TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KB2516 Datasheet(HTML) 3 Page - Samsung semiconductor

  KB2516 Datasheet HTML 1Page - Samsung semiconductor KB2516 Datasheet HTML 2Page - Samsung semiconductor KB2516 Datasheet HTML 3Page - Samsung semiconductor KB2516 Datasheet HTML 4Page - Samsung semiconductor KB2516 Datasheet HTML 5Page - Samsung semiconductor KB2516 Datasheet HTML 6Page - Samsung semiconductor KB2516 Datasheet HTML 7Page - Samsung semiconductor KB2516 Datasheet HTML 8Page - Samsung semiconductor KB2516 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
KB2516 (Preliminary)
3
ELECTRICAL CHARACERISTICS
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power supply
VDDC_P
Pre-amp analog supply voltage for R, G, B channels
4.75
5.0
5.25
V
VDDC_A
ADC analog supply voltage
for R, G, B channels
4.75
5.0
5.25
V
VDDA_A
ADC analog supply voltage
for R, G, B channels
3.0
3.3
3.6
V
VDDD_A
ADC digital supply voltage
for R, G, B channels
4.75
5.0
5.25
V
VDD_A
ADC digital supply voltage
for R, G, B channels
3.0
3.3
3.6
V
VDDR
Output driver supply voltage
for R, G, B channels
3.0
3.3
3.6
V
VDD_P
PLL supply voltage
3.0
3.3
3.6
V
VDD_S
Interface logic supply voltage
3.0
3.3
3.6
V
IDDC_P
Pre-amp analog supply current
55
65
75
mA
IDDC_A
ADC analog supply current
5V supply
-
66
-
mA
IDDA_A
ADC analog supply current
3.3V supply
-
33
-
mA
IDDD_A
ADC digital supply current
5V supply
-
10
-
mA
IDD_A
ADC digital supply current
3.3V supply
-
20
-
mA
IDDR
Output driver supply current
Fclk = 140MHz, ramp input
mA
IDD_P
PLL supply current
Fclk = 100MHz
-
76
-
mA
IDD_S
Interface logic supply current
-
-
mA
Ptot
Total power consumption
Fclk = 180MHz, ramp input
-
1.25
-
W
Pre-amp
f-3dB
Amplifier bandwidth
for R, G, B channels
-
500
-
MHz
VIN
RGB input voltage range
0.5
0.7
1.0
Vpp
Vbs
Input bias voltage
for R, G, B channels
1.7
1.9
2.1
V
AVmax
Voltage gain max
1.6
2.3
2.9
dB
∆AcG
Coarse gain diff. between ch.
for R, G, B channels
-1.0
0.0
1.0
dB
∆Af1
Fine gain diff. 1 between ch.
for R, G, B channels
-1.0
0.0
1.0
dB
∆Af2
Fine gain diff. 2 between ch.
for R, G, B channels
-1.0
0.0
1.0
dB
tr
Pre-amp rising time
for R, G, B channels
-
1
-
nS
tf
Pre-amp falling time
for R, G, B channels
-
1
-
nS
Vbrt1
Brightness voltage (1)
for R, G, B channels
-
1.5
-
V
Vbrt2
Brightness voltage (2)
for R, G, B channels
-
2.3
-
V
Vbrt3
Brightness voltage (3)
for R, G, B channels
-
3.0
-
V
NOTES:
1.
Coarse BRT = 80, Fine BRT = 00
2.
Coarse BRT = 80, Fine BRT = 80
3.
Coarse BRT = 80, Fine BRT = FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com