Electronic Components Datasheet Search
  English  ▼

X  

S3P9014 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S3P9014
Description  SAM87RI family of 8-bit single-chip CMOS microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P9014 Datasheet(HTML) 5 Page - Samsung semiconductor

  S3P9014 Datasheet HTML 1Page - Samsung semiconductor S3P9014 Datasheet HTML 2Page - Samsung semiconductor S3P9014 Datasheet HTML 3Page - Samsung semiconductor S3P9014 Datasheet HTML 4Page - Samsung semiconductor S3P9014 Datasheet HTML 5Page - Samsung semiconductor S3P9014 Datasheet HTML 6Page - Samsung semiconductor S3P9014 Datasheet HTML 7Page - Samsung semiconductor S3P9014 Datasheet HTML 8Page - Samsung semiconductor S3P9014 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
S3C9004/P9004/C9014/P9014
PRODUCT OVERVIEW
1-5
PIN DESCRIPTIONS
Table 1-1. S3C9004/P9004/C9014/P9014 Pin Descriptions
Pin
Names
Pin
Type
Pin
Description
Circuit
Number
Pin
Numbers
Share
Pins
P0.0-P0.7
I/O
Bit-programmable I/O port for Schmitt trigger
input or open-drain output. Port0 can also be
configured as external interface address lines A8-
A12.
C
36-29
A8-A12
P1.0-P1.7
I/O
Bit-programmable I/O port for Schmitt trigger
input, push-pull, or open-drain output. Port1 can
alternatively be used as external interface
address/data lines AD0-AD7.
C
23-16
AD0-AD7
P2.0-P2.7
I/O
Bit-programmable I/O port for Schmitt trigger
input or push-pull output. Port2 can be
individually configured as external interrupt
inputs. Especially, P2.0-2.3 can be configured for
external bus control signal.
D
6-13
INT,
AS,
DS, R/W,
DM
P3.0-P3.3
I/O
Same general characteristics as Port1. Port3 are
designed for to drive LED directly. P3.3 can be
used to system clock output (CLO) port.
C
1, 40-38
P3.3/CLO
P4.0-P4.3
I/O
Bit-programmable I/O port. Input mode or n-
channel open-drain output mode is software
assignable. Port4 can be individually configured
as external interrupt inputs. Pull-up resistors are
also software assignable. Especially, P4.1 can be
used T0CLK input and P4.3 also T0OUT for
Timer 0.
D
2-5
INT,
T0CLK,
T0OUT
X
IN, XOUT
–
System clock input and output pin (for RC
oscillator, crystal/ceramic oscillator, or external
clock source)
–
27, 28
–
INT
I
External interrupt for bit-programmable port2 and
port4 pins when set to input mode.
–
2-13
PORT2/
PORT4
RESET
I
RESET signal input pin. Schmitt trigger input with
internal pull-up resistor.
A
26
–
EA
I
External Memory Access (EA) pin with 2 modes:
0V = Normal Operation Mode
5V = ROMLESS Operation Mode
(Must be connected to V
SS during normal
operation mode)
B
24
–
VDD
–
Power input pin
–
37
–
V
SS1, VSS2
–
Vss1 is a ground power for CPU core.
Vss2 is a ground power for I/O and OSC block
–
15, 25
–
NC
–
No connection
(This pin would be better connecting to V
SS)
–
14
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com