Electronic Components Datasheet Search
  English  ▼

X  

S3P9014 Datasheet(PDF) 23 Page - Samsung semiconductor

Part # S3P9014
Description  SAM87RI family of 8-bit single-chip CMOS microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P9014 Datasheet(HTML) 23 Page - Samsung semiconductor

Back Button S3P9014 Datasheet HTML 18Page - Samsung semiconductor S3P9014 Datasheet HTML 19Page - Samsung semiconductor S3P9014 Datasheet HTML 20Page - Samsung semiconductor S3P9014 Datasheet HTML 21Page - Samsung semiconductor S3P9014 Datasheet HTML 22Page - Samsung semiconductor S3P9014 Datasheet HTML 23Page - Samsung semiconductor S3P9014 Datasheet HTML 24Page - Samsung semiconductor S3P9014 Datasheet HTML 25Page - Samsung semiconductor S3P9014 Datasheet HTML 26Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
S3C9004/P9004/C9014/P9014
ELECTRICAL DATA
12-15
IDD3
(nA)
400
0
VDD (V)
450
500
550
600
650
750
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.5
fOSC = 5 MHz
(TA = 25 C)
700
Figure 12-10. I
DD3 vs. VDD
VOH (V)
0
-1
IOH (mA)
1
2
3
4
5
2
3
4
5
6
7
8
1
6
0
9
10
11
12
VDD = 5.0V
VDD = 4.5V
VDD = 5.5V
Figure 12-11. I
OH vs. VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com