Electronic Components Datasheet Search
  English  ▼

X  

S3P9014 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S3P9014
Description  SAM87RI family of 8-bit single-chip CMOS microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P9014 Datasheet(HTML) 1 Page - Samsung semiconductor

  S3P9014 Datasheet HTML 1Page - Samsung semiconductor S3P9014 Datasheet HTML 2Page - Samsung semiconductor S3P9014 Datasheet HTML 3Page - Samsung semiconductor S3P9014 Datasheet HTML 4Page - Samsung semiconductor S3P9014 Datasheet HTML 5Page - Samsung semiconductor S3P9014 Datasheet HTML 6Page - Samsung semiconductor S3P9014 Datasheet HTML 7Page - Samsung semiconductor S3P9014 Datasheet HTML 8Page - Samsung semiconductor S3P9014 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
S3C9004/P9004/C9014/P9014
PRODUCT OVERVIEW
1-1
1
PRODUCT OVERVIEW
SAM87RI PRODUCT FAMILY
Samsung's SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide
range of integrated peripherals, and various mask-programmable ROM sizes.
A dual address/data bus architecture and a large number of bit- or nibble-configurable I/O ports provide a flexible
programming environment for applications with varied memory and I/O requirements. Timer/counters with
selectable operating modes are included to support real-time operations. Many SAM87RI microcontrollers have
an external interface that provides access to external memory and other peripheral devices.
S3C9004/P9004/C9014/P9014 MICROCONTROLLER
The S3C9004/P9004/C9014/P9014 single-chip 8-bit microcontroller is fabricated using an advanced CMOS
process. It is built around the powerful SAM87RI CPU core.
Stop and Idle power-down modes were implemented to reduce power consumption. To increase on-chip register
space, the size of the internal register file was logically expanded. The S3C9004/P9004/C9014/P9014 has 4 K
bytes of program memory on-chip.
Using the SAM87RI design approach, the following peripherals were integrated with the SAM87RI core:
— Five configurable I/O ports (32 pins)
— 12 bit-programmable pins for external interrupts
— 8-bit timer/counter with three operating modes
The S3C9004/P9004/C9014/P9014 is a versatile microcontroller that can be used in a wide range of general
purpose applications. It is especially suitable for use as a keyboard controller and is available in a 40-pin DIP and
a 44-pin QFP package.
OTP
The S3C9004/C9014 microcontroller is also available in OTP (One Time Programmable) version,
S3P9004/P9014. S3P9004/P9014 microcontroller has an on-chip 8-Kbyte one-time-programmable EPROM
instead of masked ROM. The S3P9004/P9014 is comparable to S3C9004/C9014, both in function and in pin
configuration.


Similar Part No. - S3P9014

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P921F SAMSUNG-S3P921F Datasheet
193Kb / 30P
SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3P9228 SAMSUNG-S3P9228 Datasheet
938Kb / 462P
8-BIT CMOS MICROCONTROLLERS USERS MANUAL
S3P9234 SAMSUNG-S3P9234 Datasheet
1Mb / 214P
8-Bit CMOS Microcontroller
S3P9404 SAMSUNG-S3P9404 Datasheet
245Kb / 32P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3P9414 SAMSUNG-S3P9414 Datasheet
245Kb / 32P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
More results

Similar Description - S3P9014

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C8835 SAMSUNG-S3C8835 Datasheet
144Kb / 19P
SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C921F SAMSUNG-S3C921F Datasheet
193Kb / 30P
SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9432 SAMSUNG-S3C9432 Datasheet
190Kb / 31P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9644 SAMSUNG-S3C9644 Datasheet
179Kb / 26P
SAM87RI family of 8-bit single-chip CMOS microcontrollers
logo
Siemens Semiconductor G...
M166 SIEMENS-M166 Datasheet
373Kb / 127P
C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com