Electronic Components Datasheet Search
  English  ▼

X  

S3P9014 Datasheet(PDF) 21 Page - Samsung semiconductor

Part # S3P9014
Description  SAM87RI family of 8-bit single-chip CMOS microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P9014 Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button S3P9014 Datasheet HTML 17Page - Samsung semiconductor S3P9014 Datasheet HTML 18Page - Samsung semiconductor S3P9014 Datasheet HTML 19Page - Samsung semiconductor S3P9014 Datasheet HTML 20Page - Samsung semiconductor S3P9014 Datasheet HTML 21Page - Samsung semiconductor S3P9014 Datasheet HTML 22Page - Samsung semiconductor S3P9014 Datasheet HTML 23Page - Samsung semiconductor S3P9014 Datasheet HTML 24Page - Samsung semiconductor S3P9014 Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
S3C9004/P9004/C9014/P9014
ELECTRICAL DATA
12-13
CHARACTERISTIC CURVES
NOTE
The characteristic values shown in the following graphs are based on actual test measurements. They do
not, however, represent guaranteed operating values.
IDD1
(mA)
1
0
VDD (V)
2
3
4
5
6
7
3.0
3.5
4.0
4.5
5.0
5.5
6.0
fOSC = 10 MHz
2.5
fOSC = 8 MHz
fOSC = 5 MHz
fOSC = 2 MHz
fOSC = 1 MHz
(TA = 25 C)
Figure 12-8. I
DD1 vs. VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com