Electronic Components Datasheet Search
  English  ▼

X  

S3P9014 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S3P9014
Description  SAM87RI family of 8-bit single-chip CMOS microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P9014 Datasheet(HTML) 2 Page - Samsung semiconductor

  S3P9014 Datasheet HTML 1Page - Samsung semiconductor S3P9014 Datasheet HTML 2Page - Samsung semiconductor S3P9014 Datasheet HTML 3Page - Samsung semiconductor S3P9014 Datasheet HTML 4Page - Samsung semiconductor S3P9014 Datasheet HTML 5Page - Samsung semiconductor S3P9014 Datasheet HTML 6Page - Samsung semiconductor S3P9014 Datasheet HTML 7Page - Samsung semiconductor S3P9014 Datasheet HTML 8Page - Samsung semiconductor S3P9014 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
PRODUCT OVERVIEW
S3C9004/P9004/C9014/P9014
1-2
FEATURES
CPU
•
SAM87RI CPU core
Memory
•
4-Kbyte internal program memory (ROM)
•
208-byte internal register file
•
8-Kbyte external program memory
•
8-Kbyte external data memory
Instruction Set
•
41 instructions
•
IDLE and STOP instructions added for power-
down modes
Instruction Execution Time
•
1.5
µs at 4 MHz f
OSC
Interrupts
•
14 interrupt sources with one vector, Each
source has its pending bit
•
One level, one vector interrupt structure
Oscillation Circuit Options
•
4 MHz RC oscillator with on chip capacitor for
S3C9004/P9004 ( –10% RC accuracy at V
DD ±
5% and Ta = 0
°C–70°C, using 1% external
precision resistor)
•
RC oscillator for S3C9004/P9004
•
Crystal/ceramic oscillator for S3C9014/P9014
General I/O
•
Five ports (32 pins total)
•
Three bit-programmable ports (20 pins total)
•
Two bit-programmable ports with external
interrupts (12 pins total)
Timer/Counter
•
One 8-bit basic timer for watchdog function and
programmable oscillation stabilization interval
generation function
•
One 8-bit timer/counter with PWM mode
Operating Temperature Range
•
– 40°C to + 85°C
Operating Voltage Range
•
4.5 V to 5.5 V for S3C9004/P9004
•
2.7 V to 5.5 V for S3C9014/P9014
Package Types
•
40-pin DIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com