Electronic Components Datasheet Search
  English  ▼

X  

S3P9014 Datasheet(PDF) 19 Page - Samsung semiconductor

Part # S3P9014
Description  SAM87RI family of 8-bit single-chip CMOS microcontrollers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P9014 Datasheet(HTML) 19 Page - Samsung semiconductor

Back Button S3P9014 Datasheet HTML 15Page - Samsung semiconductor S3P9014 Datasheet HTML 16Page - Samsung semiconductor S3P9014 Datasheet HTML 17Page - Samsung semiconductor S3P9014 Datasheet HTML 18Page - Samsung semiconductor S3P9014 Datasheet HTML 19Page - Samsung semiconductor S3P9014 Datasheet HTML 20Page - Samsung semiconductor S3P9014 Datasheet HTML 21Page - Samsung semiconductor S3P9014 Datasheet HTML 22Page - Samsung semiconductor S3P9014 Datasheet HTML 23Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
S3C9004/P9004/C9014/P9014
ELECTRICAL DATA
12-11
Table 12-8. External Memory Timing Characteristics (4 MHz)
(T
A = – 40
°C to + 85°C, V
DD = 4.5 V to 5.5 V)
Number
Symbol
Parameter
Normal Timing (ns)
Min
Max
1
t
dA (AS)
Address valid to
AS ↑ delay
10
–
2
t
dAS (A)
AS ↑ to address float delay
35
–
3
t
dAS (DR)
AS ↑ to read data required valid
–
140
4
t
wAS
AS Low width
88
–
5
t
dA (DS)
Address float to
DS ↓
0
–
6a
t
wDS (read)
DS (read) Low width
314
–
6b
t
wDS (write)
DS (write) Low width
164
–
7
t
dDS (DR)
DS ↓ to read data required valid
–
80
8
t
hDS (DR)
Read data to
DS ↑ hold time
0
–
9
t
dDS (A)
DS ↑ to address active delay
20
–
10
t
dDS (AS)
DS ↑ to AS ↓ delay
30
–
11
t
dDO (DS)
Write data valid to
DS (write) ↓ delay
10
–
12
t
dRW (AS)
R/
W valid to AS ↑ delay
20
–
13
t
dDS (DW)
DS ↑ to write data not valid delay
20
–
NOTES:
1.
All times are in nano seconds (ns) and assume an 4 MHz input frequency.
2.
Wait states add 100 ns to the time of numbers 3, 6a, 6b, and 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com