Electronic Components Datasheet Search
  English  ▼

X  

AD5755 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5755
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 1 Page - Analog Devices

  AD5755 Datasheet HTML 1Page - Analog Devices AD5755 Datasheet HTML 2Page - Analog Devices AD5755 Datasheet HTML 3Page - Analog Devices AD5755 Datasheet HTML 4Page - Analog Devices AD5755 Datasheet HTML 5Page - Analog Devices AD5755 Datasheet HTML 6Page - Analog Devices AD5755 Datasheet HTML 7Page - Analog Devices AD5755 Datasheet HTML 8Page - Analog Devices AD5755 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Quad Channel, 16-Bit,
Serial Input, 4-20mA & Voltage Output DAC,
Dynamic Power Control
Preliminary Technical Data
AD5755/AD5735
Rev. PrG
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license isgranted by implication or otherwise under any patent or patent rightsof Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
16/12-Bit Resolution and Monotonicity
Dynamic Power Control for Thermal Management
Voltage or Current Output on the Same Pin
IOUT Range: 0mA-20mA, 4mA–20mA or 0mA–24mA
±0.05% Total Unadjusted Error (TUE) Max
VOUT Range: 0-5V, 0-10V, ±5V, ±10V,±6V,±12V
±0.04% Total Unadjusted Error (TUE) Max
User programmable Offset and Gain
On Chip Diagnostics
On-Chip Reference (±5 ppm/°C)
−40°C to +105°C Temperature Range
APPLICATIONS
Process Control
Actuator Control
PLC’s
PRODUCT HIGHLIGHTS
Dynamic Power Control for Thermal management
16bit performance
Multi-channel
GENERAL DESCRIPTION
The AD5755/AD5735 is a quad, voltage and current output
DAC, which operates with a power supply range from -26v to
+33v. On chip dynamic power control minimizes package
power dissipation in current mode. This is achieved by
regulating the voltage on the output driver from between 7V-
30V.
The part uses a versatile 3-wire serial interface that operates at
clock rates up to 30 MHz and that is compatible with standard
SPI®, QSPI™, MICROWIRE™, DSP and microcontroller
interface standards. The interface also features optional CRC-8
packet error checking as well as a watchdog timer that monitors
activity on the interface.
Table 1. Complementary Devices
Part No.
Description
ADR445
5V, Ultralow Noise, LDO XFET Voltage
Reference with Current Sink and Source
ADP1871
Synchronous Buck Controller with Constant
On-Time, Valley Current Mode, and Power
Save Mode
Figure 1.


Similar Part No. - AD5755

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5755 AD-AD5755 Datasheet
2Mb / 48P
Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755 AD-AD5755 Datasheet
1Mb / 48P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5755 AD-AD5755 Datasheet
1Mb / 44P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5755-1 AD-AD5755-1 Datasheet
1Mb / 48P
Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
More results

Similar Description - AD5755

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5360 AD-AD5360 Datasheet
284Kb / 25P
16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757 Datasheet
909Kb / 31P
Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com