Electronic Components Datasheet Search
  English  ▼

X  

AD5755 Datasheet(PDF) 33 Page - Analog Devices

Part # AD5755
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD5755 Datasheet HTML 26Page - Analog Devices AD5755 Datasheet HTML 27Page - Analog Devices AD5755 Datasheet HTML 28Page - Analog Devices AD5755 Datasheet HTML 29Page - Analog Devices AD5755 Datasheet HTML 30Page - Analog Devices AD5755 Datasheet HTML 31Page - Analog Devices AD5755 Datasheet HTML 32Page - Analog Devices AD5755 Datasheet HTML 33Page - Analog Devices AD5755 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
Preliminary Technical Data
AD5755/AD5735
Rev. PrG | Page 33 of 34
Figure 22. AD5755/AD5735 to ADSP-BF527 SPORT Interface
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. The printed circuit board on which the
AD5755/AD5735 is mounted should be designed so that the
analog and digital sections are separated and confined to certain
areas of the board. If the AD5755/AD5735 is in a system where
multiple devices require an AGND-to-DGND connection, the
connection should be made at one point only. The star ground
point should be established as close as possible to the device.
The AD5755/AD5735 should have ample supply bypassing of
10 µF in parallel with 0.1 µF on each supply located as close to
the package as possible, ideally right up against the device. The
10 µF capacitors are the tantalum bead type. The 0.1 µF
capacitor should have low effective series resistance (ESR) and
low effective series inductance (ESI) such as the common
ceramic types, which provide a low impedance path to ground
at high frequencies to handle transient currents due to internal
logic switching.
The power supply lines of the AD5755/AD5735 should use as
large a trace as possible to provide low impedance paths and
reduce the effects of glitches on the power supply line. Fast
switching signals such as clocks should be shielded with digital
ground to avoid radiating noise to other parts of the board and
should never be run near the reference inputs. A ground line
routed between the SDIN and SCLK lines helps reduce crosstalk
between them (not required on a multilayer board that has a
separate ground plane, but separating the lines helps). It is
essential to minimize noise on the REFIN line because it
couples through to the DAC output.
Avoid crossover of digital and analog signals. Traces on
opposite sides of the board should run at right angles to each
other. This reduces the effects of feed through the board. A
microstrip technique is by far the best, but not always possible
with a double-sided board. In this technique, the component
side of the board is dedicated to ground plane, while signal
traces are placed on the solder side.
GALVANICALLY ISOLATED INTERFACE
In many process control applications, it is necessary to provide
an isolation barrier between the controller and the unit being
controlled to protect and isolate the controlling circuitry from
any hazardous common-mode voltages that might occur.
Isocouplers provide voltage isolation in excess of 2.5 kV. The
serial loading structure of the AD5755/AD5735 makes it ideal
for isolated interfaces, because the number of interface lines is
kept to a minimum. Figure 23 shows a 4-channel isolated
interface to the AD5755/AD5735 using an ADuM1400. For
more information, go to www.analog.com.
Figure 23. Isolated Interface
VIA
SERIAL CLOCK OUT
TO SCLK
VOA
ENCODE
DECODE
VIB
SERIAL DATA OUT
TO SDIN
VOB
ENCODE
DECODE
VIC
SYNC OUT
TO SYNC
VOC
ENCODE
DECODE
VID
CONTROL OUT
TO LDAC
VOD
ENCODE
DECODE
µCONTROLLER
ADuM14001
1ADDITIONAL PINS OMITTED FOR CLARITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com