Electronic Components Datasheet Search
  English  ▼

X  

AD5755 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5755
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5755 Datasheet HTML 13Page - Analog Devices AD5755 Datasheet HTML 14Page - Analog Devices AD5755 Datasheet HTML 15Page - Analog Devices AD5755 Datasheet HTML 16Page - Analog Devices AD5755 Datasheet HTML 17Page - Analog Devices AD5755 Datasheet HTML 18Page - Analog Devices AD5755 Datasheet HTML 19Page - Analog Devices AD5755 Datasheet HTML 20Page - Analog Devices AD5755 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Preliminary Technical Data
AD5755/AD5735
Rev. PrG | Page 17 of 34
SERIAL INTERFACE
The AD5755/AD5735 is controlled over a versatile 3-wire serial
interface that operates at clock rates of up to 30 MHz and is
compatible with SPI®, QSPI™, MICROWIRE™, and DSP
standards. Data coding is always straight binary.
Input Shift Register
The input shift register is 24 bits wide. Data is loaded into the
device MSB first as a 24-bit word under the control of a serial
clock input, SCLK. Data is clocked in on the falling edge of
SCLK.
There are two ways in which the DAC outputs can be updated
as outlined below.
Individual DAC Updating
In this mode, LDAC is held low while data is being clocked into
the DAC Data Register. The addressed DAC output is updated
on the rising edge of SYNC.
Simultaneous Updating of All DACs
In this mode, LDAC is held high while data is being clocked
into the DAC Data Register. Only the first write to each
channels data register will be valid after LDAC is brought high.
Any subsequent writes while LDAC is still held high will be
ignored. All the DAC outputs are updated by taking LDAC low
any time after SYNC has been taken high.
Figure 16. Simplified Serial Interface of Input Loading Circuitry for One DAC
Channel
TRANSFER FUNCTION
Table 10 shows the input code to ideal output voltage
relationship for the AD5755 for straight binary data coding -
±10v output range shown.
Table 7. Ideal Output Voltage to Input Code Relationship
Digital Input
Analog Output
Straight Binary Data Coding
MSB
LSB VOUT
1111
1111
1111
1111
+2 VREF × (32767/32768)
1111
1111
1111
1110
+2 VREF × (32766/32768)
1000
0000
0000
0000
0 V
0000
0000
0000
0001
−2 VREF × (32766/32768)
0000
0000
0000
0000
−2 VREF × (32767/32768)
VOUT
DAC
REGISTER
INTERFACE
LOGIC
OUTPUT
I/V AMPLIFIER
LDAC
SDO
SDIN
16-BIT
DAC
VREFIN
SYNC
INPUT
REGISTER
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com