Electronic Components Datasheet Search
  English  ▼

X  

AD5755 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5755
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5755 Datasheet HTML 6Page - Analog Devices AD5755 Datasheet HTML 7Page - Analog Devices AD5755 Datasheet HTML 8Page - Analog Devices AD5755 Datasheet HTML 9Page - Analog Devices AD5755 Datasheet HTML 10Page - Analog Devices AD5755 Datasheet HTML 11Page - Analog Devices AD5755 Datasheet HTML 12Page - Analog Devices AD5755 Datasheet HTML 13Page - Analog Devices AD5755 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
AD5755/AD5735
Preliminary Technical Data
Rev. PrG | Page 10 of 34
Figure 3. Readback Timing Diagram
Figure 4. Status Readback during write
Figure 5. Load Circuit for SDO Timing Diagram
SDO
SDIN
SYNC
SCLK
24
24
MSB
LSB
MSB
LSB
SELECTED REGISTER DATA
CLOCKED OUT
UNDEFINED
NOP CONDITION
INPUT WORD SPECIFIES
REGISTER TO BE READ
1
1
MSB
LSB
MSB
LSB
t6
t15
R/W
SCLK
SYNC
SDIN
2
1
DUT_
AD1
DUT_
AD0
DB0
DB1
X
Status
SDO
ENAB
SDO DISABLED
X
MSB
DB15
DB14
SDO
Status
Status
Status
Status Bits Readout
X
200µA
IOL
200µA
IOH
VOH (MIN) OR
VOL (MAX)
TO OUTPUT
PIN
CL
50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com