Electronic Components Datasheet Search
  English  ▼

X  

AD5755BCPZx Datasheet(PDF) 6 Page - Analog Devices

Part # AD5755BCPZx
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755BCPZx Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5755BCPZx Datasheet HTML 2Page - Analog Devices AD5755BCPZx Datasheet HTML 3Page - Analog Devices AD5755BCPZx Datasheet HTML 4Page - Analog Devices AD5755BCPZx Datasheet HTML 5Page - Analog Devices AD5755BCPZx Datasheet HTML 6Page - Analog Devices AD5755BCPZx Datasheet HTML 7Page - Analog Devices AD5755BCPZx Datasheet HTML 8Page - Analog Devices AD5755BCPZx Datasheet HTML 9Page - Analog Devices AD5755BCPZx Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
AD5755/AD5735
Preliminary Technical Data
Rev. PrG | Page 6 of 34
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
Input Current
−1
+1
µA
Per pin
Pin Capacitance
10
pF
Per pin
DIGITAL OUTPUTS2
SDO, ALERT
VOL, Output Low Voltage
0.4
V
sinking 200 µA
VOH, Output High Voltage
DVDD
−0.5
V
sourcing 200 µA
High Impedance Leakage
Current
−1
+1
µA
High Impedance Output
Capacitance
5
pF
FAULT
VOL, Output Low Voltage
0.4
V
10kΩ pull-up resistor to DVDD
VOL, Output Low Voltage
0.6
V
At 2.5 mA
VOH, Output High Voltage
3.6
V
10kΩ pull-up resistor to DVDD
POWER REQUIREMENTS
AVDD
12
33
V
AVSS
−26.4
−10.8
V
DVDD, AVCC
Input Voltage
2.7
5.5
V
AIDD
TBD
mA
Output unloaded
AISS
TBD
mA
Bipolar Supply Mode only, outputs unloaded
DICC
TBD
mA
VIH = DVDD, VIL = GND
AIcc
TBD
mA
DCDC ’s not enabled
Power Dissipation
TBD
mW
AVDD = 33V, AVSS = 0V, outputs unloaded
TBD
mW
AVDD = 33V, AVSS = -26.4 V, outputs unloaded
TBD
mW
AVDD = 15V, AVSS = -15 V, outputs unloaded
1Temperature range: −40°C to +105°C; typical at +25°C.
2 Guaranteed by design and characterization; not production tested.
3 The on-chip reference is production trimmed and tested at 25°C and 85°C. It is characterized from −40°C to +105°C.
AC PERFORMANCE CHARACTERISTICS
AVDD = 15V, AVSS = -15V, VBOOSTA,B,C,D = +10.8 V to +33 V, DVDD = AVCC = 2.7 V to 5.5 V, DCDC disabled, AGND = DGND =
GNDSWA,B,C,D = 0 V, REFIN= +5, VOUT : RL = 1kΩ, CL = 220pF, IOUT : RL = 300Ω, all specifications TMIN to TMAX unless otherwise noted.
Table 3.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Voltage Output
Output Voltage Settling Time
TBD
TBD
µs typ
10 V step to ±0.03% FSR
TBD
TBD
µs typ
100mv step to 1 LSB (16-Bit LSB)
Slew Rate
1
V/µs
Power-On Glitch Energy
10
nV-sec
Digital-to-Analog Glitch Energy
10
nV-sec
Glitch Impulse Peak Amplitude
20
mV
Digital Feedthrough
1
nV-sec
DAC to DAC Crosstalk
TBD
nV-sec
Output Noise (0.1 Hz to 10 Hz
Bandwidth)
0.1
LSB p-p
(16-Bit LSB)
Output Noise (100 kHz Bandwidth)
TBD
µV rms
Output Noise Spectral Density
TBD
nV/√Hz
Measured at 10 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com