Electronic Components Datasheet Search
  English  ▼

X  

AD5755BCPZx Datasheet(PDF) 24 Page - Analog Devices

Part # AD5755BCPZx
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755BCPZx Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5755BCPZx Datasheet HTML 20Page - Analog Devices AD5755BCPZx Datasheet HTML 21Page - Analog Devices AD5755BCPZx Datasheet HTML 22Page - Analog Devices AD5755BCPZx Datasheet HTML 23Page - Analog Devices AD5755BCPZx Datasheet HTML 24Page - Analog Devices AD5755BCPZx Datasheet HTML 25Page - Analog Devices AD5755BCPZx Datasheet HTML 26Page - Analog Devices AD5755BCPZx Datasheet HTML 27Page - Analog Devices AD5755BCPZx Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
AD5755/AD5735
Preliminary Technical Data
Rev. PrG | Page 24 of 34
DAC CONTROL REGISTER
The DAC Control Register is used to configure each DAC Channel. The DAC Control Register is selected by setting bits CREG2, CREG1,
CREG0 to 0,1,0.
Table 27. Programming DAC Control Register
D15 D14 D13 D12 D11 D10 D9 D8
D7
D6
D5
D4
D3
D2 D1 D0
0
1
0
X
X
X
X
INT_ENABLE
CLR_EN OUTEN RSET
DC-DC OVRNG
R2
R1
R0
Table 28. DAC Control Register Functions
Option
Description
INT_ENABLE
Powers up the DC-DC, DAC and internal amplifiers for the selected channel. Does not enable the output.
Can only be done on a per channel basis.
CLR_EN
Per channel Clear Enable bit. Selects if this channel will clear when the CLEAR pin is activated.
CLR_EN=1, channel will clear when part is cleared.
CLR_EN=0, channel will not clear when part is cleared.
OUTEN
Enables/Disables the selected output channel
OUTEN=1, Enables channel
OUTEN=0, Disable channel
RSET
Selects internal or external current sense resistor for selected DAC channel
RSET = 0 Selects external Resistor
RSET = 1 Selects Internal Resistor
DC_DC
Powers the DC-DC on selected channel.
DC_DC = 1, Power up DC_DC
DC_DC = 0, Power down DC_DC
This allows per channel DC_DC power up/down. To power down the DCDC, OUTEN and INT_ENABLE
bits must also be set to 0.
All DC-DCs can also be powered up simultaneously using DCDC_All bit in the Main Control Register.
OVRNG
Enables 20% over-range on Vout Channel only. No current over-range available.
OVRNG=1, Enabled
OVRNG=0, Disabled
R2,R1,R0
Selects output range enabled.
R2 R1 R0 Output Range Selected
0
0
0
0 to 5V Voltage Range
0
0
1
0 to 10V Voltage Range
0
1
0
±5V Voltage Range
0
1
1
±10V Voltage Range
1
0
0
4 to 20 mA Current Range
1
0
1
0 to 20 mA Current Range
1
1
0
0 to 24 mA Current Range
SOFTWARE REGISTER
The Software Register has three functions. It allows the user to perform a software reset to the part. It can be used to set bit D11 in the
Status Register. Lastly it is also used as part of the watchdog feature to ensure that the SPI interface connections are working properly. To
ensure all the datapath lines are working properly (i.e. SDI/SCLK/SYNC), the user must write 0x195 to the Software Register within the
timeout period. If this command is not received within the timeout period, the ALERT pin will signal a fault condition. Note. This is only
required when the Watchdog Timer function is enabled.
Table 29. Programming the Software Register
To program a software reset you need to write 1,0,0 to CREG2, CREG1, CREG0.
MSB
LSB
D15
D14
D13
D12
D11 to D0
1
0
0
User Program Bit
RESET CODE/SPI CODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com