Electronic Components Datasheet Search
  English  ▼

X  

AD5755BCPZx Datasheet(PDF) 29 Page - Analog Devices

Part # AD5755BCPZx
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755BCPZx Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5755BCPZx Datasheet HTML 25Page - Analog Devices AD5755BCPZx Datasheet HTML 26Page - Analog Devices AD5755BCPZx Datasheet HTML 27Page - Analog Devices AD5755BCPZx Datasheet HTML 28Page - Analog Devices AD5755BCPZx Datasheet HTML 29Page - Analog Devices AD5755BCPZx Datasheet HTML 30Page - Analog Devices AD5755BCPZx Datasheet HTML 31Page - Analog Devices AD5755BCPZx Datasheet HTML 32Page - Analog Devices AD5755BCPZx Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Preliminary Technical Data
AD5755/AD5735
Rev. PrG | Page 29 of 34
ASYNCHRONOUS CLEAR
CLEAR is an active high edge sensitive input that allows the
output to be cleared to a pre programmed 16 bit code. This code
is user programmable via a per-channel 16 bit Clear Code
Register.
In order for a channel to clear, that channel must be enabled to
be cleared via the CLR_EN bit in the channels DAC Control
Register. If the channel is not enabled to be cleared then the
output will remain in its current state independent of the
CLEAR pin level.
When the CLEAR signal is returned low, the relevant outputs
remains cleared until a new value is programmed.
PACKET ERROR CHECKING
To verify that data has been received correctly in noisy
environments, the AD5755/AD5735 offers the option of packet
error checking based on an 8-bit (CRC-8) cyclic redundancy
check. The device controlling the AD5755/AD5735 should
generate an 8-frame check sequence using the polynomial
1
)
(
1
2
8
+
+
+
=
x
x
x
x
C
This is added to the end of the data word, and 32 bits are sent to
the AD5755/AD5735 before taking SYNC high. If the
AD5755/AD5735 sees a 32-bit frame, it will perform the error
check when SYNC goes high. If the check is valid, then the data
will be written to the selected register. If the error check fails,
the FAULT pin will go low and the PEC ERROR bit in the Status
Register will be set. After reading the Status Register, FAULT
will return high (assuming there are no other faults) and the
PEC ERROR bit will be cleared automatically.
The PEC can be used for both transmit and receive of data
packets. If Status Readback During Write is enabled, the ‘PEC’
values returned during the Status Readback During Write
should be ignored. All other PEC values will be valid though
and the user can still use the normal readback operation to
monitor Status Register activity with PEC.
WATCHDOG TIMER
If enabled, an on chip watchdog timer will generate an alert
signal if 0x195 has not been written to the Software Register
within the programmed timeout period. This feature is useful to
ensure communication has not been lost between the MCU and
the AD5755/AD5735 and that these datapath lines are working
properly (i.e. SDI/SCLK/SYNC). If 0x195 is not received by the
Software Register within the timeout period, the ALERT pin
will signal a fault condition. The ALERT signal is active high
and can be connected directly to the CLEAR pin to enable a
CLEAR in the event that data communications are lost from the
MCU.
The watchdog timer is enabled and the timeout period
(50,100,150 or 200ms) set in the control register (See Table 25).
OUTPUT ALERT
The AD5755/AD5735 is equipped with a ALERT pin, this is An
active high CMOS output. The AD5755/AD5735 has an
internal watchdog timer. If enabled, it will monitor SPI
communications. If 0x195 is not received by the Software
Register within the timeout period, the ALERT pin will go
active.
INTERNAL REFERENCE
The AD5755/AD5735 contains an integrated +5V voltage
reference with initial accuracy of ±2mV max and a temperature
drift coefficient of ±5 ppm max. The reference voltage is
buffered and externally available for use elsewhere within the
system.
EXTERNAL CURRENT SETTING RESISTOR
Referring to Figure 15, R1 is an internal sense resistor as part of
the voltage to current conversion circuitry. The stability of the
output current value over temperature is dependent on the
stability of the value of R1. As a method of improving the
stability of the output current over temperature an external
15kΩ low drift resistor can be connected to the RSET pin of the
AD5755/AD5735 to be used instead of the internal resistor R1.
The external resistor is selected via the DAC Control register.
See Table 27.
SLEW RATE CONTROL
The Slew Rate Control feature of the AD5755/AD5735 allows
the user to control the rate at which the output value changes.
This feature is available on both the current and voltage
outputs. With the slew rate control feature disabled the output
value will change at a rate limited by the output drive circuitry
and the attached load. If the user wishes to reduce the slew rate
this can be achieved by enabling the slew rate control feature.
With the feature enabled via the SREN bit of the Slew Rate
Control Register, (See Table 33) the output, instead of slewing
directly between two values, will step digitally at a rate defined
by two parameters accessible via the Slew Rate Control Register
as shown in Table 33. The parameters are SR_CLOCK and
SR_STEP. SR_CLOCK defines the rate at which the digital slew
will be updated, e.g. if the selected update rate is 8KHz the
output will update every 125µs, in conjunction with this the
SR_STEP defines by how much the output value will change at
each update. Together both parameters define the rate of change
of the output value. Table 38 and Table 39 outline the range of
values for both the SR_CLOCK and SR_STEP parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com