Electronic Components Datasheet Search
  English  ▼

X  

MAX9622 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9622
Description  Precision, High-Bandwidth Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9622 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9622 Datasheet HTML 1Page - Maxim Integrated Products MAX9622 Datasheet HTML 2Page - Maxim Integrated Products MAX9622 Datasheet HTML 3Page - Maxim Integrated Products MAX9622 Datasheet HTML 4Page - Maxim Integrated Products MAX9622 Datasheet HTML 5Page - Maxim Integrated Products MAX9622 Datasheet HTML 6Page - Maxim Integrated Products MAX9622 Datasheet HTML 7Page - Maxim Integrated Products MAX9622 Datasheet HTML 8Page - Maxim Integrated Products MAX9622 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Precision, High-Bandwidth Op Amp
General Description
The MAX9622 op amp features rail-to-rail output and
50MHz GBW at just 1mA supply current. At power-up,
this device autocalibrates its input offset voltage to less
than 100FV. It operates from a single-supply voltage of
2.0V to 5.25V.
The MAX9622 is available in a tiny 2mm x 2mm, 5-pin
SC70 package and is rated over the -40NC to +125NC
automotive temperature range.
Applications
Power Modules
Automotive Power Supplies
ADC Drivers for Industrial Systems
Instrumentation
Filters
Features
S
50MHz UGBW
S
Low Input Voltage Offset Voltage (100µV max)
S
Input Common-Mode Voltage Range Extends
Below Ground
S
Wide 2.0V to 5.25V Supply Range
S
Low 1mA Supply Current
19-5227; Rev 0; 9/10
+Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
Ordering Information
Typical Application Circuit
EVALUATION
KIT
AVAILABLE
PART
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
MAX9622AXK+T
-40
°C to
+125
°C
5 SC70
AUA
MAX9622
INPUT
OUTPUT
USING THE MAX9622 AS A LOWPASS BESSEL FILTER (CORNER FREQUENCY = 100kHz).
20kI
VCC/2
20kI
VCC
4.7nF
14.3kI
5.5kI
5.5kI
47pF


Similar Part No. - MAX9622

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622 Datasheet
1Mb / 5P
Fully Assembled and Tested
Rev 0; 11/09
MAX9622AXK+T MAXIM-MAX9622AXK+T Datasheet
777Kb / 10P
Precision, High-Bandwidth Op Amp
2015
MAX9622EVKIT MAXIM-MAX9622EVKIT Datasheet
1Mb / 5P
Fully Assembled and Tested
Rev 0; 11/09
MAX9622EVKIT+ MAXIM-MAX9622EVKIT+ Datasheet
1Mb / 5P
Fully Assembled and Tested
Rev 0; 11/09
MAX9622 MAXIM-MAX9622_V01 Datasheet
777Kb / 10P
Precision, High-Bandwidth Op Amp
2015
More results

Similar Description - MAX9622

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9617 AD-AD9617 Datasheet
140Kb / 10P
Low Distortion, Precision, Wide Bandwidth Op Amp
REV.B
AD9618 AD-AD9618 Datasheet
414Kb / 8P
Low Distortion, Precision, Wide Bandwidth Op Amp
logo
Linear Technology
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
Quad Precision Op Amp
logo
Analog Devices
AD8067 AD-AD8067 Datasheet
873Kb / 24P
High Gain Bandwidth Product Precision Fast FET??Op Amp
AD8067 AD-AD8067_06 Datasheet
459Kb / 24P
High Gain Bandwidth Product, Precision Fast FET??Op Amp
REV. A
logo
Linear Technology
LT1013 LINER-LT1013_1 Datasheet
291Kb / 24P
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Linear Dimensions Semic...
LT1013CN8 LINEAR_DIMENSIONS-LT1013CN8 Datasheet
519Kb / 26P
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
logo
Analog Devices
AD9618 AD-AD9618_15 Datasheet
474Kb / 8P
LOW DISTORTION PRECISION WIDE BANDWIDTH OP AMP
REV. A
logo
Linear Technology
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
Quad Precision Op Amp
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622_V01 Datasheet
777Kb / 10P
Precision, High-Bandwidth Op Amp
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com