Electronic Components Datasheet Search
  English  ▼

X  

MAX9622 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9622
Description  Precision, High-Bandwidth Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9622 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9622 Datasheet HTML 2Page - Maxim Integrated Products MAX9622 Datasheet HTML 3Page - Maxim Integrated Products MAX9622 Datasheet HTML 4Page - Maxim Integrated Products MAX9622 Datasheet HTML 5Page - Maxim Integrated Products MAX9622 Datasheet HTML 6Page - Maxim Integrated Products MAX9622 Datasheet HTML 7Page - Maxim Integrated Products MAX9622 Datasheet HTML 8Page - Maxim Integrated Products MAX9622 Datasheet HTML 9Page - Maxim Integrated Products MAX9622 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Precision, High-Bandwidth Op Amp
6 ______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 5V, RL = 10kI to VCC/2, TA = +25NC, unless otherwise noted.)
SMALL-SIGNAL RESPONSE
MAX9622 toc23
OUTPUT
500mV/div
4µs/div
AV = 1V/V
CAPACITIVE LOADING STABILITY
vs. ISOLATION RESISTANCE, AV = 1V/V
CAPACITANCE (pF)
900
800
600 700
200 300 400 500
100
5
10
15
20
25
30
35
40
45
50
0
0
1000
STABLE
UNSTABLE
PARALLEL CAPACITIVE LOADING
CAPACITANCE (pF)
125
100
75
1000
50
150
10,000
100
STABLE
UNSTABLE
VCC = 5V
CROSSTALK vs. FREQUENCY
FREQUENCY (kHz)
10,000
1000
100
10
1
-120
-100
-80
-60
-40
-20
0
-140
0.1
100,000
RLOAD = NO LOAD
LARGE-SIGNAL RESPONSE
MAX9622 toc22
OUTPUT
1µs/div
AV = 1V/V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com