Electronic Components Datasheet Search
  English  ▼

X  

MAX9622 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9622
Description  Precision, High-Bandwidth Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9622 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9622 Datasheet HTML 1Page - Maxim Integrated Products MAX9622 Datasheet HTML 2Page - Maxim Integrated Products MAX9622 Datasheet HTML 3Page - Maxim Integrated Products MAX9622 Datasheet HTML 4Page - Maxim Integrated Products MAX9622 Datasheet HTML 5Page - Maxim Integrated Products MAX9622 Datasheet HTML 6Page - Maxim Integrated Products MAX9622 Datasheet HTML 7Page - Maxim Integrated Products MAX9622 Datasheet HTML 8Page - Maxim Integrated Products MAX9622 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Precision, High-Bandwidth Op Amp
_______________________________________________________________________________________ 3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V, VIN+ = VIN- = 0V, RL = 10kI to VCC/2, TA = -40NC to +125NC, unless otherwise noted. Typical values are at TA = +25NC.)
(Note 2)
Note 2: The device is 100% production tested at TA = +25NC. Temperature limits are guaranteed by design.
Note 3: Guaranteed by design.
Typical Operating Characteristics
(VCC = 5V, RL = 10kI to VCC/2, TA = +25NC, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
AC SPECIFICATIONS
Gain-Bandwidth Product
GBW
50
MHz
Large-Signal Bandwidth
BWLS
VOUT = 2VP-P
3
MHz
Slew Rate
SR
VOUT = 2VP-P, 10% to 90%
20
V/Fs
Settling Time
tS
To 0.1%, VOUT = 2VP-P, CL = 10pF
200
ns
Total Harmonic Distortion
THD
f = 10kHz, VOUT = 2VP-P
90
dB
Input Voltage Noise Density
EN
f = 10kHz
13
nV/√Hz
Input Current Noise Density
IN
f = 10kHz
3
pA/√Hz
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
3.5
4.0
3.0
2.5
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
0.80
2.0
5.5
QUIESCENT CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
100
75
-25
0
25
50
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.4
-50
125
RLOAD = NO LOAD
INPUT OFFSET VOLTAGE
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
5
10
15
20
25
30
0
-0.5
4.0
OFFSET VOLTAGE vs. TEMPERATURE
TEMPERATURE (°C)
100
75
-25
0
25
50
-150
-100
-50
0
50
100
150
200
-200
-50
125
RLOAD = NO LOAD
INPUT OFFSET VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
3.5
4.0
3.0
2.5
-25
-20
-15
-10
-5
0
5
10
15
-30
2.0
5.5
VCM = 0V
OFFSET VOLTAGE HISTOGRAM
OFFSET VOLTAGE (µV)
40
35
30
25
20
15
10
5
5
10
15
20
25
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com