Electronic Components Datasheet Search
  English  ▼

X  

MAX9622 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9622
Description  Precision, High-Bandwidth Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9622 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9622 Datasheet HTML 1Page - Maxim Integrated Products MAX9622 Datasheet HTML 2Page - Maxim Integrated Products MAX9622 Datasheet HTML 3Page - Maxim Integrated Products MAX9622 Datasheet HTML 4Page - Maxim Integrated Products MAX9622 Datasheet HTML 5Page - Maxim Integrated Products MAX9622 Datasheet HTML 6Page - Maxim Integrated Products MAX9622 Datasheet HTML 7Page - Maxim Integrated Products MAX9622 Datasheet HTML 8Page - Maxim Integrated Products MAX9622 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Precision, High-Bandwidth Op Amp
_______________________________________________________________________________________ 5
Typical Operating Characteristics (continued)
(VCC = 5V, RL = 10kI to VCC/2, TA = +25NC, unless otherwise noted.)
TURN-ON RESPONSE
VIN = 22.34mV, AV = 100V/V
MAX9622 toc16
VOUT
500mV/div
GND
GND
VCC
5V/div
QUIESCENT CURRENT vs. TEMPERATURE
VCC = 5V, VOUT IN SATURATION
TEMPERATURE (°C)
100
75
-25
0
25
50
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.4
-50
125
VOUT = HIGH
VOUT = LOW
RLOAD = NO LOAD
OUTPUT RECOVERY FROM SATURATION
VOUT SATURATED TO POSITIVE RAIL
MAX9622 toc18
VOUT
1V/div
GND
4µs/div
OUTPUT RECOVERY FROM SATURATION
VOUT SATURATED TO NEGATIVE RAIL
MAX9622 toc19
VOUT
1V/div
GND
4µs/div
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (kHz)
10,000
1000
100
-110
-100
-90
-80
-70
-60
-50
-40
-120
10
100,000
RLOAD = NO LOAD
OPEN-LOOP GAIN vs. FREQUENCY
FREQUENCY (kHz)
10,000
1000
100
10
1
0.1
0
20
40
60
80
100
120
-20
0.01
100,000
RLOAD = NO LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com