Electronic Components Datasheet Search
  English  ▼

X  

MAX9622 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9622
Description  Precision, High-Bandwidth Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9622 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9622 Datasheet HTML 1Page - Maxim Integrated Products MAX9622 Datasheet HTML 2Page - Maxim Integrated Products MAX9622 Datasheet HTML 3Page - Maxim Integrated Products MAX9622 Datasheet HTML 4Page - Maxim Integrated Products MAX9622 Datasheet HTML 5Page - Maxim Integrated Products MAX9622 Datasheet HTML 6Page - Maxim Integrated Products MAX9622 Datasheet HTML 7Page - Maxim Integrated Products MAX9622 Datasheet HTML 8Page - Maxim Integrated Products MAX9622 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Precision, High-Bandwidth Op Amp
2 ______________________________________________________________________________________
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to GND)..............................-0.3V to +5.5V
All Other Pins................................(GND - 0.3V) to (VCC + 0.3V)
Short-Circuit Duration to GND or VCC .................................... 1s
Continuous Input Current (any pins)............................... Q20mA
Thermal Limits (Note 1)
Continuous Power Dissipation (TA = +70NC)
5-Pin SC70 (derate 3.1mW/NC above +70NC) ..........245.4mW
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ELECTRICAL CHARACTERISTICS
(VCC = 5V, VIN+ = VIN- = 0V, RL = 10kI to VCC/2, TA = -40NC to +125NC, unless otherwise noted. Typical values are at TA = +25NC.)
(Note 2)
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage Range
VCC
Guaranteed by PSRR
2
5.25
V
Supply Current
ICC
No load
TA = +25NC
1
1.5
mA
-40NC P TA P +125NC
2.1
Power-Supply Rejection Ratio
PSRR
TA = +25NC
97
126
dB
-40NC P TA P +125NC
93
Power-Up Time
tON
3
ms
DC SPECIFICATIONS
Input Offset Voltage
VOS
After power-up autocalibration
8
100
F
V
-40NC P TA P +125NC
8
3000
Input Offset Voltage Drift
D
VOS
3
F
V/NC
Input Bias Current
IB
TA = +25NC
62
150
nA
-40NC P TA P +125NC
320
Input Offset Current
IOS
TA = +25NC
3
12
nA
-40NC P TA P +125NC
30
Input Common-Mode Range
VCM
Guaranteed by CMRR, TA = -40NC to +125NC
-0.1
VCC -1.3
V
Common-Mode Rejection Ratio
CMRR
TA = +25NC
87
121
dB
-40NC P TA P +125NC
80
Large-Signal Gain
AVOL
400mV P VOUT P
VCC - 400mV
TA = +25NC
91
103
dB
-40NC P TA P +125NC
84
400mV P VOUT P
VCC - 400mV, RL =
1kI to VCC/2
TA = +25NC
77
89
-40NC P TA P +125NC
69
Output Voltage Swing
VOH - VCC RL = 10kI to VCC/2
60
mV
VOL
RL = 10kI to VCC/2
60
RL = 10kI to GND, TA = +25NC
40
RL = 10kI to GND
48
Short-Circuit Current
ISC
(Note 3)
80
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com