Electronic Components Datasheet Search
  English  ▼

X  

MAX9622 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9622
Description  Precision, High-Bandwidth Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9622 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9622 Datasheet HTML 1Page - Maxim Integrated Products MAX9622 Datasheet HTML 2Page - Maxim Integrated Products MAX9622 Datasheet HTML 3Page - Maxim Integrated Products MAX9622 Datasheet HTML 4Page - Maxim Integrated Products MAX9622 Datasheet HTML 5Page - Maxim Integrated Products MAX9622 Datasheet HTML 6Page - Maxim Integrated Products MAX9622 Datasheet HTML 7Page - Maxim Integrated Products MAX9622 Datasheet HTML 8Page - Maxim Integrated Products MAX9622 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Precision, High-Bandwidth Op Amp
4 ______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 5V, RL = 10kI to VCC/2, TA = +25NC, unless otherwise noted.)
OUTPUT HIGH VOLTAGE vs. TEMPERATURE
SOURCING CURRENT (VCC - VOUT)
TEMPERATURE (°C)
100
75
50
25
0
-25
50
100
150
200
0
-50
125
ISOURCE = 5mA
ISOURCE = 1mA
ISOURCE = 0.1mA
ISOURCE = 0.01mA
OUTPUT LOW VOLTAGE vs. TEMPERATURE
SINKING CURRENT
TEMPERATURE (°C)
100
75
-25
0
25
50
20
40
60
80
100
120
140
160
0
-50
125
ISINK = 5mA
ISINK = 1mA
ISINK = 0.1mA
ISINK = 0.01mA
INPUT BIAS CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
100
75
50
25
0
-25
50
100
150
200
0
-50
125
IN+
IN-
RLOAD = NO LOAD
INPUT BIAS CURRENT
vs.
TEMPERATURE
TEMPERATURE (°C)
50
100
150
200
0
100
75
-25
0
25
50
-50
125
IN+
IN-
COMMON-MODE REJECTION RATIO
vs.
FREQUENCY
FREQUENCY (kHz)
1000
100
10
1
0.1
-100
-80
-60
-40
-20
0
-120
0.01
10,000
RLOAD = NO LOAD
POWER-SUPPLY REJECTION RATIO
vs.
FREQUENCY
FREQUENCY (kHz)
1000
100
10
1
0.1
-100
-80
-60
-40
-20
0
-120
0.01
10,000
RLOAD = NO LOAD
0.01Hz TO 10Hz INPUT VOLTAGE NOISE
MAX9622 toc13
400nV/div
1s/div
INPUT VOLTAGE NOISE vs. FREQUENCY
FREQUENCY (Hz)
1000
100
5
10
15
20
25
30
35
40
45
50
0
10
10,000
RLOAD = NO LOAD
INPUT CURRENT NOISE vs. FREQUENCY
FREQUENCY (Hz)
1000
100
2
4
6
8
10
12
14
16
0
10
10,000
RLOAD = NO LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com