Electronic Components Datasheet Search
  English  ▼

X  

SST26WF032 Datasheet(PDF) 17 Page - Silicon Storage Technology, Inc

Part # SST26WF032
Description  1.8V Serial Quad I/O (SQI) Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26WF032 Datasheet(HTML) 17 Page - Silicon Storage Technology, Inc

Back Button SST26WF032 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 21Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
©2010 Silicon Storage Technology, Inc.
S71409-01-000
01/10
17
1.8V Serial Quad I/O (SQI) Flash Memory
SST26WF032
Advance Information
JEDEC-ID Read (SPI Protocol)
Using traditional SPI protocol, the JEDEC-ID Read instruction identifies the device as SST26WF032
and the manufacturer as SST. To execute a JECEC-ID operation the host drives CE# low then sends
the JEDEC-ID command cycle (9FH). For SPI modes, each cycle is eight bits (clocks) long, most sig-
nificant bit first.
Immediately following the command cycle the device outputs data on the falling edge of the SCK sig-
nal. The data output stream is continuous until terminated by a low-to-high transition on CE#. The
device outputs three bytes of data: manufacturer, device type, and device ID, see Table 6. See Figure
13 for instruction sequence.
Figure 13:JEDEC-ID Sequence (SPI Mode)
Quad J-ID Read (SQI Protocol)
The Quad J-ID Read instruction identifies the device as SST26WF032 and manufacturer as SST. To
execute a Quad J-ID operation the host drives CE# low and then sends the Quad J-ID command cycle
(AFH). Each cycle is two nibbles (clocks) long, most significant nibble first.
Immediately following the command cycle the device outputs data on the falling edge of the SCK sig-
nal. The data output stream is continuous until terminated by a low-to-high transition of CE#. The
device outputs three bytes of data: manufacturer, device type, and device ID, see Table 6. See Figure
14 for instruction sequence.
Table 6: Device ID Data Output
Product
Manufacturer ID
(Byte 1)
Device ID
Device Type
(Byte 2)
Device ID
(Byte 3)
SST26WF032
BFH
26H
22H
T6.1
1409
26
Device ID
1409 F38.0
CE#
SO
SI
SCK
012345678
HIGH IMPEDANCE
15 16
14
28 29 30 31
BF
MODE 3
MODE 0
MSB
MSB
9 10111213
1718
32
34
9F
19 20 21 22 23
33
24 25 26 27
Note: SIO2 and SIO3 must be driven VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com