Electronic Components Datasheet Search
  English  ▼

X  

SST26WF032 Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST26WF032
Description  1.8V Serial Quad I/O (SQI) Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26WF032 Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST26WF032 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
©2010 Silicon Storage Technology, Inc.
S71409-01-000
01/10
5
1.8V Serial Quad I/O (SQI) Flash Memory
SST26WF032
Advance Information
Memory Organization
The SST26WF032 SQI memory array is organized in uniform, 4 KByte erasable sectors with erasable
overlay blocks: eight 8 KByte parameter blocks, two 32 KByte blocks, and sixty-two 64 KByte blocks.
See Figure 3.
Figure 3: Memory Map
1409 F41.0
Top of Memory Block
8 KByte
8 KByte
8 KByte
8 KByte
32 KByte
64 KByte
64 KByte
64 KByte
32 KByte
8 KByte
8 KByte
8 KByte
8 KByte
Bottom of Memory Block
4 KByte
4 KByte
4 KByte
4 KByte
2 Sectors for 8 KByte blocks
8 Sectors for 32 KByte blocks
16 Sectors for 64 KByte blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com