Electronic Components Datasheet Search
  English  ▼

X  

SST26WF032 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST26WF032
Description  1.8V Serial Quad I/O (SQI) Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26WF032 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST26WF032 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
©2010 Silicon Storage Technology, Inc.
S71409-01-000
01/10
Advance Information
www.sst.com
Features:
• Single Voltage Read and Write Operations
– 1.65-1.95V
• Serial Interface Architecture
– Nibble-wide multiplexed I/O’s with SPI-like serial com-
mand structure
- Mode 0 and Mode 3
– Single-bit, SPI backwards compatible
- Read, High-Speed Read, and JEDEC ID Read
• High Speed Clock Frequency
– 80 MHz
- 320 Mbit/s sustained data rate
• Burst Modes
– Continuous linear burst
– 8/16/32/64 Byte linear burst with wrap-around
• Superior Reliability
– Endurance: 100,000 Cycles
– Greater than 100 years Data Retention
• Low Power Consumption:
– Active Read current: 12 mA (typical @ 80 MHz)
– Standby Current: 8 µA (typical)
• Fast Erase and Byte-Program:
– Chip-Erase time: 35 ms (typical)
– Sector-/Block-Erase time: 18 ms (typical)
• Page-Program
– 256 Bytes per page
– Fast Page Program time in 1 ms (typical)
• End-of-Write Detection
– Software polling the BUSY bit in status register
• Flexible Erase Capability
– Uniform 4 KByte sectors
– Four 8 KByte top and bottom parameter overlay blocks
– Two 32 KByte top and bottom overlay blocks
– Uniform 64 KByte overlay blocks
- SST26WF032 – 62 blocks
• Write-Suspend
– Suspend Program or Erase operation to access another
block/sector
• Software Reset (RST) mode
• Software Write Protection
– Individual Block-Locking
- 64 KByte blocks, two 32 KByte blocks, and eight 8
KByte parameter blocks
– Write Lock, Read Lock, and Lockdown options
• Security ID
– One-Time Programmable (OTP) 256 bit, Secure ID
- 64 bit unique, factory pre-programmed identifier
- 192 bit user-programmable
• Temperature Range
– Industrial: -40°C to +85°C
• Packages Available
– 8-contact WSON (6mm x 5mm)
– 8-lead SOIC (200 mil)
• All devices are RoHS compliant
1.8V Serial Quad I/O (SQI) Flash Memory
SST26WF032
The SST26WF032 Serial Quad I/O™ (SQI™) flash device utilizes a 4-bit mul-
tiplexed I/O serial interface to boost performance while maintaining the com-
pact form factor of standard serial flash devices. Operating at frequencies
reaching 80 MHz, the SST26WF032 enables minimum latency execute-in-
place (XIP) capability without the need for code shadowing on an SRAM. The
device’s high performance and small footprint make it the ideal choice for
mobile handsets, Bluetooth headsets, optical disk drives, GPS applications
and other portable electronic products. Further benefits are achieved with
SST’s proprietary, high-performance CMOS SuperFlash® technology, which
significantly improves performance and reliability, and lowers power consump-
tion for high bandwidth, compact designs.


Similar Part No. - SST26WF032

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST26WF016B MICROCHIP-SST26WF016B Datasheet
1,021Kb / 75P
1.8V 16 Mbit Serial Quad I/O (SQI) Flash Memory
2014
SST26WF016B-104I/MF MICROCHIP-SST26WF016B-104I/MF Datasheet
1,021Kb / 75P
1.8V 16 Mbit Serial Quad I/O (SQI) Flash Memory
2014
SST26WF016B-104I/SN MICROCHIP-SST26WF016B-104I/SN Datasheet
1,021Kb / 75P
1.8V 16 Mbit Serial Quad I/O (SQI) Flash Memory
2014
SST26WF016BA MICROCHIP-SST26WF016BA Datasheet
1,021Kb / 75P
1.8V 16 Mbit Serial Quad I/O (SQI) Flash Memory
2014
SST26WF016BA-104I/MF MICROCHIP-SST26WF016BA-104I/MF Datasheet
1,021Kb / 75P
1.8V 16 Mbit Serial Quad I/O (SQI) Flash Memory
2014
More results

Similar Description - SST26WF032

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016 Datasheet
1Mb / 39P
Serial Quad I/O (SQI) Flash Memory
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B Datasheet
1Mb / 76P
3.0V Serial Quad I/O (SQI) Flash Memory
2013
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016_13 Datasheet
386Kb / 39P
Serial Quad I/O SQI Flash Memory
logo
Microchip Technology
SST26WF016B MICROCHIP-SST26WF016B Datasheet
1,021Kb / 75P
1.8V 16 Mbit Serial Quad I/O (SQI) Flash Memory
2014
SST26VF064B MICROCHIP-SST26VF064B_15 Datasheet
3Mb / 85P
2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
SST26VF064B MICROCHIP-SST26VF064B_V01 Datasheet
1Mb / 90P
2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26WF040B MICROCHIP-SST26WF040B Datasheet
3Mb / 96P
1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
Revision C / Nov 2017
SST26WF064C MICROCHIP-SST26WF064C Datasheet
4Mb / 94P
1.8V, 64 Mbit Serial Quad I/O (SQI) Flash Memory
Revision C / Sept 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com