Electronic Components Datasheet Search
  English  ▼

X  

SST26WF032 Datasheet(PDF) 33 Page - Silicon Storage Technology, Inc

Part # SST26WF032
Description  1.8V Serial Quad I/O (SQI) Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26WF032 Datasheet(HTML) 33 Page - Silicon Storage Technology, Inc

Back Button SST26WF032 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST26WF032 Datasheet HTML 36Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
©2010 Silicon Storage Technology, Inc.
S71409-01-000
01/10
33
1.8V Serial Quad I/O (SQI) Flash Memory
SST26WF032
Advance Information
Figure 29:Reset Timing Diagram
Figure 30:AC Input/Output Reference Waveforms
1409 F14.0
MODE 3
CLK
SIO(3:0)
CE#
MODE 3
C1
C3 C2
C0
MODE 0
MODE 3
MODE 0
MODE 0
TCPH
Note: C[1:0] = 55H; C[3:2] = AAH
1409 F28.0
REFERENCE POINTS
OUTPUT
INPUT
VHT
VLT
VHT
VLT
VIHT
VILT
AC test inputs are driven at VIHT (0.9VDD) for a logic ‘1’ and VILT (0.1VDD) for a logic ‘0’.
Measurement reference points for inputs and outputs are VHT (0.6VDD) and VLT (0.4VDD).
Input rise and fall times (10%
↔ 90%) are <3 ns.
Note: VHT - VHIGH Test
VLT - VLOW Test
VIHT - VINPUT HIGH Test
VILT - VINPUT LOW Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com