Electronic Components Datasheet Search
  English  ▼

X  

TLC5960 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5960
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5960 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC5960 Datasheet HTML 10Page - Texas Instruments TLC5960 Datasheet HTML 11Page - Texas Instruments TLC5960 Datasheet HTML 12Page - Texas Instruments TLC5960 Datasheet HTML 13Page - Texas Instruments TLC5960 Datasheet HTML 14Page - Texas Instruments TLC5960 Datasheet HTML 15Page - Texas Instruments TLC5960 Datasheet HTML 16Page - Texas Instruments TLC5960 Datasheet HTML 17Page - Texas Instruments TLC5960 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
R + R
D
S
S
D1
G1
S1
V
0.6V
REF
VREG5
Channel1
V + V
D
S
S
I
=
LED
V + V
D
S
S
R + R
S
S
D
V
S
R
S
»
1+
DVS
V
S
-
DRS
R
S
DI
=
LED
V
S
R
S
DVS
V
S
-
DRS
R
S
TLC5960
SBVS147 – SEPTEMBER 2010
www.ti.com
CHANNEL-TO-CHANNEL CONSTANT CURRENT MISMATCH RATING
The current mismatch rate between channels is primarily induced by the external sense resistor mismatch rating.
Additionally, the TLC5960 driver input offset contributes to the current mismatch rating between the channels.
The gate drive amplifier offset (VOFFSET) is specified in the Electrical Characteristics.
Figure 17. Channel-to-Channel Mismatch Factors
Figure 17 shows the mismatch contributing factors on this system.
ΔRS represents the resistor mismatch. ΔVS
denotes the contribution of the gate amplifier input equivalent offset, VOFFSET. Using these two external and
internal error factors, the total mismatch rate is estimated in Equation 3. In this case, with a 1% accurate RS
used, the total current mismatch value is estimated within 1.9%.
(3)
14
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com