Electronic Components Datasheet Search
  English  ▼

X  

TLC5960 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5960
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5960 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLC5960 Datasheet HTML 22Page - Texas Instruments TLC5960 Datasheet HTML 23Page - Texas Instruments TLC5960 Datasheet HTML 24Page - Texas Instruments TLC5960 Datasheet HTML 25Page - Texas Instruments TLC5960 Datasheet HTML 26Page - Texas Instruments TLC5960 Datasheet HTML 27Page - Texas Instruments TLC5960 Datasheet HTML 28Page - Texas Instruments TLC5960 Datasheet HTML 29Page - Texas Instruments TLC5960 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
t =
F
C
OUT
I
LED
´ (V
V
)
INIT
HVM
-
V
(V)
LED
V
(V)
LED
V
(V)
LED
V
INIT
V
OPT
V
INIT
V
OPT
V
INIT
V
OPT
(c)FasterLEDSwitchingwithLargeC
: TightLEDSelectionNeeded
OUT
(b) FasterLEDSwitching:NotEnoughSettlingTime
(a) TypicalSettingwithAppropriateLEDSwitching
t
F
t
R
Time(s)
Time(s)
Time(s)
TLC5960
SBVS147 – SEPTEMBER 2010
www.ti.com
Figure 30(a) shows a typical switching of the on-off sequence in this conventional system. Here, VLED (the output
voltage of the dc/dc converter) starts from a higher point (VINIT). As the drain node information feedback loops,
the VLED is driven lower to the appropriate voltage level (VOPT) for lower power consumption while maintaining
the constant current regulation. After the signal feedback, the VLED transient speed is limited by the primary loop
response speed and the slowest timing in this sequence is normally the falling edge of VLED. The maximum
speed of the falling time (tF) is calculated in Equation 18, and only the constant current of ILED is available to
lower the VLED in an LED backlight system.
(18)
Figure 30. VLED Voltage Regulation Sequence on Conventional System
In this case, with COUT = 100µF, ILED = 100mA, VINIT = 180V and VOPT = 155V, the maximum speed of tF is
calculated as 25ms. This slower transient speed absolutely limits the LED switching speed. If maximum tF is
25ms, the fastest dimming cycle with a full dual-loop system advantage is limited to only 40Hz. If the LED
switching speed is faster than that value, the VLED regulation voltage would appear as shown in Figure 30(b).
HVM power saving is only achievable with one-fourth of the typical case (a).
To solve this situation on a conventional system, COUT can sometimes be increased to keep the voltage stable.
Figure 30(c) shows that switching waveform. These possible power-savings are achieved by lowering VINIT using
tightly selected LEDs in relation to its forward voltage specification.
26
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com