Electronic Components Datasheet Search
  English  ▼

X  

TLC5960 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5960
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5960 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC5960 Datasheet HTML 18Page - Texas Instruments TLC5960 Datasheet HTML 19Page - Texas Instruments TLC5960 Datasheet HTML 20Page - Texas Instruments TLC5960 Datasheet HTML 21Page - Texas Instruments TLC5960 Datasheet HTML 22Page - Texas Instruments TLC5960 Datasheet HTML 23Page - Texas Instruments TLC5960 Datasheet HTML 24Page - Texas Instruments TLC5960 Datasheet HTML 25Page - Texas Instruments TLC5960 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
TLC5960
2CHMode
R
S
R
S
DC/DC4
DC/DC3
DC/DC2
DC/DC1
V
LED1
CTRL1
CTRL2
CTRL3
CTRL4
EN
HVM[1:4]
D1
G1
S1
D2
G2
S2
D8
G8
S8
R
[1:4]
HVM
V
[1:4]
HVM
V
LED2
V
LED3
V
LED4
R
S
R
S
D1
G1
S1
D2
G2
S2
D7
G7
S7
D8
G8
S8
Ch1
Ch2
Ch3
Ch4
Ch5
Ch7
Ch8
V (V)
D
Ch6
V
+2.6
DREF
V
1.6
-
DREF
8LED
Strings
TLC5960
8CHMode
R
S
R
S
DC/DC
V
LED
CTRL1
CTRL2
CTRL3
CTRL4
EN
HVM1
D1
G1
S1
D2
G2
S2
D8
G8
S8
R
HVM1
V
HVM1
R
S
R
S
D1
G1
S1
D2
G2
S2
D7
G7
S7
D8
G8
S8
8LED
Strings
Ch1
Ch2
Ch3
Ch4
Ch5
Ch6
Ch8
Ch7
V (V)
D
V
+2.6
DREF
V
1.6
-
DREF
TLC5960
SBVS147 – SEPTEMBER 2010
www.ti.com
Figure 24. HVM 2CH Mode Typical Configuration
Figure 25. HVM 8CH Mode Typical Configuration
On the 4CH mode and 8CH mode, the TLC5960 LED-Short-Detection threshold voltage can be adjusted by
setting the external input voltage to the HVM4 pin. The threshold calculation is shown in Equation 5.
Table 3. HVM Configuration Modes
IN
OUT
HVM LOGIC
MODE
CTRL1
CTRL2
CTRL3
CTRL4
HVM1
HVM2
HVM3
HVM4
2CH
Ch1, 2
Ch3, 4
Ch5, 6
Ch7, 8
Ch1, 2
Ch3, 4
Ch5, 6
Ch7, 8
REFLSD
4CH
Ch1, 2, 5, 6
> 7.0V
Ch3, 4, 7, 8
GND
Ch1, 2, 5, 6
Ch3, 4, 7, 8
N/A
(Input)
REFLSD
8CH
Ch1 to Ch8
> 7.0V
GND
> 7.0V
Ch1 to Ch8
N/A
N/A
(Input)
22
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com