Electronic Components Datasheet Search
  English  ▼

X  

TLC5960 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5960
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5960 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLC5960 Datasheet HTML 23Page - Texas Instruments TLC5960 Datasheet HTML 24Page - Texas Instruments TLC5960 Datasheet HTML 25Page - Texas Instruments TLC5960 Datasheet HTML 26Page - Texas Instruments TLC5960 Datasheet HTML 27Page - Texas Instruments TLC5960 Datasheet HTML 28Page - Texas Instruments TLC5960 Datasheet HTML 29Page - Texas Instruments TLC5960 Datasheet HTML 30Page - Texas Instruments TLC5960 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
V
REF
DC/DC
R1
R2
R
S
R3
V
FB
V
LED
Primary
Loop
Secondary
Loop
D1
G1
S1
HVM1
TLC5960
iHVM
Process
Core
I
SINK
I
SOURCE
C
OUT
R1
R3
´ dv(iHVM)<
I
LED
C
OUT
´ dt(iHVM)
C
<
OUT
I
LED
10V/s
´
R3
R1
TLC5960
www.ti.com
SBVS147 – SEPTEMBER 2010
STABILITY ANALYSIS OF PROPOSED iHVM SYSTEM
Figure 31 shows the feedback system with the proposed iHVM control mechanism. The biggest difference (and
advantage) compared to a conventional system is that the iHVM processing core controls the secondary loop.
With this system, there are no limitations on the primary loop and secondary loop settings. The FETs drain node
voltage information is processed easily and can be automatically adjusted to fit the primary loop feedback
response, as long as the primary loop unity gain frequency is approximately 1kHz. See Equation 8 for the iHVM
output voltage setting calculation. The second term is the variable portion of VLED output voltage and is
well-regulated by the iHVM mechanism.
Figure 31. iHVM Loop Structure
Here, focusing on the appropriate minimal time range, the only condition required to maintain the total iHVM
feedback system stability is shown in Equation 19.
(19)
The left-hand term describes the value of the output voltage range by iHVM during the minimal time of dt(iHVM).
Therefore, in an iHVM system, the slowest response in the entire system can be designated by the values of ILED
and COUT, as long as the primary system unity gain frequency is set at a minimum of 1kHz. Here, the derivation
of the iHVM circuit response is already known as 10V/s. The resulting equation to keep the entire iHVM system
stable is shown in Equation 20.
Where the unity gain frequency of the primary loop > 1kHz.
(20)
In this case, ILED = 100mA, R1 = 400kΩ, and R3 = 40kΩ, COUT should be less than 1000µF to retain the transient
response to achieve 100% power saving by iHVM caused by LED VF variance. In a typical application, this value
is large enough. Therefore, we can conclude that the only condition required to keep iHVM stable is to set the
primary feedback loop unity-gain frequency greater than 1kHz with a minimum amount of COUT (typically 100µF
to 300µF, depending on the required LED current value) to keep the VLED line stable when the LED is switching.
Refer to the dc/dc controller manual for setting the appropriate minimum output capacitance value.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com