Electronic Components Datasheet Search
  English  ▼

X  

TLC5960 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5960
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5960 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLC5960 Datasheet HTML 20Page - Texas Instruments TLC5960 Datasheet HTML 21Page - Texas Instruments TLC5960 Datasheet HTML 22Page - Texas Instruments TLC5960 Datasheet HTML 23Page - Texas Instruments TLC5960 Datasheet HTML 24Page - Texas Instruments TLC5960 Datasheet HTML 25Page - Texas Instruments TLC5960 Datasheet HTML 26Page - Texas Instruments TLC5960 Datasheet HTML 27Page - Texas Instruments TLC5960 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
TLC5960
R
S
D1
G1
S1
V
LED
D2
G2
S2
I
=
LED
V
REF
R
S
- IB
R
S
D1
G1
S1
V
0.6VTYP
REF
VREG5
Channel1
I
B
TLC5960
SBVS147 – SEPTEMBER 2010
www.ti.com
UNUSED DRIVER OUTPUT CONNECTION
Figure 27 shows the recommended connection when not all eight channels are needed. Basically, Dn should be
connected to the adjacent pin of the corresponding D terminal in order to prevent the TLC5960 protection routine
from activating these unneeded output pins. The Gn and Sn pins should be tied together.
Figure 27. Unused Driver Output Recommended Connection
BIPOLAR DRIVE CAPABILITY
The TLC5960 integrated driver is designed to work with not only FETs, but also with bipolar devices, as shown in
Figure 28. In this case, the amount of the base current must be considered when you define the LED current.
The amount of base current is deducted from the LED current, based on Equation 17. The output current
capability of Gn is specified as IOH in the Electrical Characteristics.
(17)
Figure 28. Bipolar Output Capability
24
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com