Electronic Components Datasheet Search
  English  ▼

X  

TLC5960 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5960
Description  Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5960 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC5960 Datasheet HTML 14Page - Texas Instruments TLC5960 Datasheet HTML 15Page - Texas Instruments TLC5960 Datasheet HTML 16Page - Texas Instruments TLC5960 Datasheet HTML 17Page - Texas Instruments TLC5960 Datasheet HTML 18Page - Texas Instruments TLC5960 Datasheet HTML 19Page - Texas Instruments TLC5960 Datasheet HTML 20Page - Texas Instruments TLC5960 Datasheet HTML 21Page - Texas Instruments TLC5960 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
For2CHHVMmode:V
=19.2V
LSD
For4/8CHHVMmodes:V
=8
HVM4(V)
´
LSD
Dn
HVM4
(4CH,8CH
HVMModes)
V
LED
LEDShort
(LSD)
Failure
Recognition
Logic
Routine
LEDOpen
(LOD)
ComparisonVoltage:
LEDShort=19.2Vtyp
LEDOpen=0.8Vtyp
ErrorDetection
Comparator
EN
TLC5960
SBVS147 – SEPTEMBER 2010
www.ti.com
LED OPEN DETECTION (LOD) AND LED SHORT DETECTION (LSD)
The TLC5960 senses the drain node of the external FET when the FET is on, as shown in Figure 21. When the
LED is open, the drain voltage falls below the default detection level (0.8V). The LED short detection (LSD)
triggers at an abnormal overvoltage detection threshold of 19.2V, typically. This LSD detection threshold can be
redefined in the 4CH and 8CH HVM modes according to the various system configurations. The threshold is
defined by Equation 4 and Equation 5.
For example, when detecting two shorted LEDs on an 15-LED string, this voltage range can be set to ~10V
(HVM4 input = 1.25V) in 4CH and 8CH HVM modes. This ~10V voltage setting can be calculated by multiplying
VF by the two failed LEDs (~3.5V x 2 = 7V) and adding the result to the normal regulating Dn voltage range (1.6V
to 2.6V). In the case of LDO and LSD, the TLC5960 shuts off the failed LED string(s) and automatically
separates the failed string(s) from the operating strings.
(4)
(5)
Figure 21. TLC5960 Drain Terminals Sensing to Protect LED Failure
18
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5960



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com