Electronic Components Datasheet Search
  English  ▼

X  

ISL6595 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6595
Description  Digital Multiphase Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6595 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6595 Datasheet HTML 1Page - Intersil Corporation ISL6595 Datasheet HTML 2Page - Intersil Corporation ISL6595 Datasheet HTML 3Page - Intersil Corporation ISL6595 Datasheet HTML 4Page - Intersil Corporation ISL6595 Datasheet HTML 5Page - Intersil Corporation ISL6595 Datasheet HTML 6Page - Intersil Corporation ISL6595 Datasheet HTML 7Page - Intersil Corporation ISL6595 Datasheet HTML 8Page - Intersil Corporation ISL6595 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
®
FN9192.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL6595
Digital Multiphase Controller
The ISL6595 digital multiphase controller provides core
power for today’s high current microprocessors by driving up
to six synchronous-rectified buck-converter channels in
parallel. Interleaved timing of the channels results in a higher
ripple frequency, reducing input and output ripple. With up to
six phases, each capable of up to 2MHz operation, the
ISL6595 can be used to build DC/DC converters that provide
up to 200A with excellent efficiency, low ripple, and the
lowest component count.
The ISL6595 utilizes digital technology to implement all
control functions, providing the ultimate in flexibility and
stability. The ISL6595 incorporates an industry standard I2C
serial interface for control and monitoring. Through the serial
interface, the power supply designer can quickly optimize
designs and monitor parameters. The interface allows the
ISL6595 to provide digitized information for real time system
monitoring and control.
The ISL6595 provides superior loadline accuracy through
internal calibration that measures and corrects current sense
error sources upon start-up. The ISL6595 has
programmable current sense temperature compensation
that allows the designer to tailor the response for best
loadline accuracy over-temperature. Superior loadline
accuracy reduces component count and solution cost.
To further reduce component count the ISL6595
incorporates patented Active Transient Response (ATR)
technology, allowing the fastest response to transient events
for reduced output capacitance.
The flexibility of the ISL6595 allows the power supply
designer to implement a wide range of solutions. When used
with industry standard power train components, the ISL6595
provides the highest performance with lowest component
count and cost.
Features
• Multiphase Power Conversion
- 1-Phase to 6-Phase Operation
• 100kHz to 2MHz Switching Frequency
• Supports Intel
™ VR10.x and VR11.0 VID Codes
• Supports AMD
™ 5-bit and 6-bit VID Codes
• Internal High Precision Voltage Reference
- ±10mV Voltage Setpoint Accuracy
• Precision Digital Current Sense Calibration
• Precise Digital Current Balancing with Programmable
Offsets for Thermal Balancing
• Digitally Programmable Loadline and Loop Compensation
• Differential Voltage Sense
• Digital Temperature Sensor Compensation
• Active Transient Response (ATR) Enables Meeting
Transient Requirements With Reduced Output
Capacitance
•I2C Interface for Monitoring, Control and Configuration
• Internal Non-Volatile Memory (NVM) to Store Custom
Configurations
• Extensive Fault Detection Capability With Two User
Configurable Output Fault Pins (FAULT1, FAULT2)
- Input Undervoltage
- Output Under/Overvoltage
- High Side Short
- Per Phase and Total Output Current
- Multiple internal and External Temperature Limits
- NVM Configuration
- Calibration Range and Time-Out
• Configurable Latched Fault or Autonomous Recovery
Shutdown
• Single +3.3V Supply Operation
• Pb-Free (RoHS compliant)
• 48 Ld QFN Plastic Package
Applications
• Core Power Regulation For Intel
™ and AMD™
Micro-Processors
• Intelligent Point-of-Load (POL) Power Regulation
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TEMP
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG #
ISL6595DRZ* ISL6595 DRZ
0 to +85 48 Ld 7x7 QFN L48.7x7P
*Add “-T” or “-TK” suffix for tape and reel. Please refer to TB347 for
details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish,
which is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
Data Sheet
December 4, 2008
NOT RECO
MMENDE
D FOR NE
W DESIG
NS
NO RECO
MMENDE
D REPLA
CEMENT
contact o
ur Techni
cal Suppo
rt Center
at
1-888-INT
ERSIL or
www.inte
rsil.com/t
sc


Similar Part No. - ISL6595

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6590 INTERSIL-ISL6590 Datasheet
1Mb / 24P
Digital Multi-Phase PWM Controller for Core-Voltage Regulation
April 2003
ISL6590DR INTERSIL-ISL6590DR Datasheet
1Mb / 24P
Digital Multi-Phase PWM Controller for Core-Voltage Regulation
April 2003
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
6-Phase Digital Multiphase Controller
August 5, 2005
ISL6592DNZ-T INTERSIL-ISL6592DNZ-T Datasheet
378Kb / 21P
6-Phase Digital Multiphase Controller
August 5, 2005
ISL6594A INTERSIL-ISL6594A Datasheet
247Kb / 10P
Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
July 31, 2006
More results

Similar Description - ISL6595

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6918 STMICROELECTRONICS-L6918 Datasheet
760Kb / 35P
5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
Oct-2002
logo
Texas Instruments
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
HIGH FREQUENCY MULTIPHASE CONTROLLER
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
6-Phase Digital Multiphase Controller
August 5, 2005
logo
Texas Instruments
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090PW TI1-TPS40090PW Datasheet
962Kb / 31P
HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
HIGH-FREQUENCY MULTIPHASE CONTROLLER
LM5170-Q1 TI1-LM5170-Q1 Datasheet
3Mb / 67P
Multiphase Bidirectional Current Controller
logo
Maxim Integrated Produc...
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
High-Voltage Multiphase Boost Controller
Rev 0; 6/19
logo
Alpha & Omega Semicondu...
AOZ97774QE AOSMD-AOZ97774QE Datasheet
665Kb / 8P
Dual Digital Multiphase Controller Product Brief
Rev. 1.0 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com