Electronic Components Datasheet Search
  English  ▼

X  

ISL6595 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6595
Description  Digital Multiphase Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6595 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6595 Datasheet HTML 7Page - Intersil Corporation ISL6595 Datasheet HTML 8Page - Intersil Corporation ISL6595 Datasheet HTML 9Page - Intersil Corporation ISL6595 Datasheet HTML 10Page - Intersil Corporation ISL6595 Datasheet HTML 11Page - Intersil Corporation ISL6595 Datasheet HTML 12Page - Intersil Corporation ISL6595 Datasheet HTML 13Page - Intersil Corporation ISL6595 Datasheet HTML 14Page - Intersil Corporation ISL6595 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
FN9192.2
December 4, 2008
algorithm compensates for variations in low-side FET
rDS(ON), parasitic inductance and resistance by regulating to
a low voltage level, putting a known current load through
each phase individually and compensating for the current
sense gain and offset error, as well as changes in
temperature. Alternatively, default compensation values can
be used, or the compensation values can be computed
during system test and stored in memory. The external
current load needed to perform calibration can be
implemented with a precision resistor and N-Channel FET.
The voltage across the resistor is sensed and the N-Channel
FET gate voltage is adjusted through an internal op amp
loop to provide the desired precision current. The calibration
current level and the voltage level at which the calibration is
performed are both programmable.
After the soft-start ramp is completed, the regulator enters
the active regulation state and the VR_READY pin
transitions from “0” to “1”, indicating that the microprocessor
voltage is within ±10% of the target value.
Shutdown
The ISL6595 also performs a controlled shutdown response
to minimize any voltage undershoot. The shutdown state can
be entered from the soft-start or active regulation states
either through user intervention (de-asserting VR_EN or all
one’s VID), or through a detected fault such as
over-temperature or output overvoltage. During shutdown,
the PWM width is reduced at a steady programmable rate,
and then the power stage is three-stated once the pulse
width reaches 0.
After shutdown is complete, the controller re-enters the
inactive state after a fixed delay. This delay minimizes the
duty cycle associated with autonomous restarts if the fault
that caused the shutdown disappears once the output is
disabled. Alternatively, the fault can be configured so that it
is latched and clearing requires user intervention such as
toggling VR_EN, toggling RESET_N, or cycling power. If this
method is used, the user should ensure adequate delay is
provided to complete the shutdown prior to the start of a new
start-up. The delay may be as short as 2ms, although longer
delays are recommended to minimize the duty cycle in case
there is a fault which causes the start-up and shutdown cycle
to be repeated indefinitely.
Switching Frequency
Timing is provided by an on-chip, factory trimmed,
temperature compensated oscillator.
The ISL6595 operates with a fixed switching frequency (i.e.
the switching frequency is fixed independent of load) that is
configurable between 100kHz and 2MHz. A programmable
divider is used to generate the switching frequency, where
the frequency is given by Equation 1:
where fSW is the switching frequency, 156.25MHz is the
nominal frequency of the timing reference oscillator, div_sel
is the programmable divider ratio between 6 and 127, and
Nph is the number of phases between 1 and 6.
Switching frequencies of less than 300kHz and greater than
1.5MHz are supported only for some number of phases
used.
Output Voltage Sensing and Voltage ADC
The ISL6595 is built around a high performance digital
feedback control loop that senses the differential voltage at
the load. This is used to generate the appropriate pulse
width modulated (PWM) waveforms to drive the power
stages and regulate the load voltage.
The differential sense voltage is digitized with a high speed,
high precision analog-to-digital converter (ADC). The
on-chip factory trimmed temperature compensated bandgap
voltage reference ensures the ADC accuracy is well within
the regulator setpoint accuracy requirements. The ADC is
sampled synchronously so that there are 2 ADC samples
per phase per switching cycle, at a frequency given by
Equation 2:
The ADC also includes a post-filter which provides a null at
fSW * (Nph/2), which is the ripple frequency. This ripple null
filter works in conjunction with an internal analog anti-alias
filter. The anti-alias filter is a single pole, 2MHz low pass
filter. The corner frequency can be lowered by adding series
resistors in the board.
Current Sensing and Current ADC
The ISL6595 provides for precise current monitoring in each
power stage, allowing for industry-leading loadline accuracy
for active voltage positioning (AVP). The current in each
power stage is sensed through one of three methods
FIGURE 3. SOFT-START/CALIBRATION SEQUENCE (3-PHASE)
4.0ms/DIV
VCC (500mV/DIV)
CAL_CUR_EN
(2V/DIV)
CAL_CUR_SEN
(100mV/DIV)
VR_READY
(2V/DIV)
f
SW
156.25MHz
2
div_sel x Nph
×
-----------------------------------------------
=
(EQ. 1)
f
S
156.25MHz
div_sel
--------------------------------
=
(EQ. 2)
ISL6595



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com