Electronic Components Datasheet Search
  English  ▼

X  

ISL6595 Datasheet(PDF) 19 Page - Intersil Corporation

Part # ISL6595
Description  Digital Multiphase Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6595 Datasheet(HTML) 19 Page - Intersil Corporation

Back Button ISL6595 Datasheet HTML 14Page - Intersil Corporation ISL6595 Datasheet HTML 15Page - Intersil Corporation ISL6595 Datasheet HTML 16Page - Intersil Corporation ISL6595 Datasheet HTML 17Page - Intersil Corporation ISL6595 Datasheet HTML 18Page - Intersil Corporation ISL6595 Datasheet HTML 19Page - Intersil Corporation ISL6595 Datasheet HTML 20Page - Intersil Corporation ISL6595 Datasheet HTML 21Page - Intersil Corporation ISL6595 Datasheet HTML 22Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19
FN9192.2
December 4, 2008
For latched shutdown, user intervention to clear the latched
fault is required before a new soft-start can be attempted.
User intervention must come in the form of VR_EN toggle,
RESET_N toggle, or controller power cycle.
In addition to fault reporting, there are additional fault
handling capabilities specific to each fault type that attempts
to provide more graceful fault handling than a shutdown, but
more active than simply reporting. The specific fault
detection capability and alternate fault handling capability is
as follows:
IUVP: The V12_SEN input continuously senses the +12V
supply through a nominally TBD:1 resistive divider. A
comparator with a programmable threshold is used to
indicate an undervoltage condition. IUVP can be used to
independently provide either an undervoltage lockout prior to
soft-start, or to both provide a lockout and force a shutdown
during active regulation.
OOVP/OUVP: Programmable comparators continuously
monitor the VSEN inputs to detect an output overvoltage or
undervoltage condition. The OOVP voltage threshold is set
relative to VID while OUVP uses a fixed threshold. OOVP is
enabled during soft-start and active regulation, while OUVP
is enabled only during active regulation.
OCP: The OCP (overcurrent protection) continuously
monitors all channel currents to determine whether any of
the currents are greater than a programmable threshold.
Two mechanisms work independently to control overcurrent
conditions. A cycle-by-cycle current limit operates by
disabling a channel for one cycle when its current exceeds
the threshold. A second mechanism monitors the average
current for an overcurrent condition. A programmable
threshold sets a current limit at which a steeper loadline is
implemented, quickly reducing the output voltage downward
as the current increases. Both of these mechanisms allow
hiccup mode overcurrent protection, where the controller
continues to try to provide a regulated output voltage while in
overcurrent. Alternatively, a threshold can be set where the
overcurrent condition will cause the controller to initiate
shutdown.
Over-Temperature Alert/Shutdown: Both the internal and
external temperature monitors are able to provide fault
telemetry in order to shut down the VR in an
over-temperature condition. Two programmable thresholds
are available for temperature faults. Crossing of the first
threshold can be used to only generate a fault report.
Crossing the second threshold can be used to cause a
shutdown to occur.
CRC Failure: The integrity of loading the configuration from
the NVM to the controller’s registers is checked through a
cyclic redundancy code (CRC) check of the data contents. A
CRC failure prevents the controller from leaving the inactive
state.
Calibration Failure: Calibration failure is detected as the
inability to achieve a regulation target in the given
time-frame. These failures typically indicate a component is
damaged or missing.
I2C Interface
All operating parameters in the ISL6595 are configurable via
the I2C interface. Status can also be read back via the same
interface. The ISL6595 operates as a slave at a standard
speed of 100kHz.
Three transactions are supported on the I2C interface:
1. Set current address,
2. Write register,
3. Read register from current address.
All transactions start with a control byte sent from the I2C
master device. The control byte begins with a Start condition,
followed by 7-bits of slave address. The last bit sent by the
master is the R/W bit and is 0 for a write. If any slaves on the
I2C bus recognize their address, they will Acknowledge by
pulling the serial data line low for the last clock cycle in the
control byte. If no slaves exist at that address or are not
ready to communicate, the data line will be 1, indicating a
Not Acknowledge condition. The ISL6595 address on the
I2C bus is 1110_000 or 1110_001, with the LSB set by the
input pin SADDR.
To write a register in the ISL6595, the master sends a control
byte with the R/W bit set to 0, indicating a write. If it receives
an Acknowledge from the ISL6595 it sends a byte
representing the address MSB. The ISL6595 will respond
with an Acknowledge. The master then sends a byte
representing the address LSB. The ISL6595 will respond
with an Acknowledge. The master then sends a byte
representing the data MS-byte to be written at the current
address. The ISL6595 will respond with an Acknowledge.
The master then sends a byte representing the data LS-byte
to be written at the current address. The ISL6595 will
respond with an Acknowledge. The master then issues a
Stop condition, indicating to the ISL6595 that the current
transaction is complete.
To set the current 16-bit address in the ISL6595, the master
sends a control byte with the R/W bit set to 0, indicating a
write. If it receives an Acknowledge from the ISL6595 it
sends a byte representing the address MS-byte. The
ISL6595 will respond with an Acknowledge. The master then
sends a byte representing the address LS-byte. The
ISL6595 will respond with an Acknowledge. The master then
issues a Stop condition, indicating to the ISL6595 that the
current transaction is complete. Any read commands issued
to the ISL6595 will return data from this address.
To read a register from the ISL6595, the master first sets the
address to read from. It then sends a control byte with the
R/W-bit set to 1, indicating a read. If it receives an
Acknowledge from the ISL6595 it send 8-clocks but does not
ISL6595



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com