Electronic Components Datasheet Search
  English  ▼

X  

ISL6595 Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL6595
Description  Digital Multiphase Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6595 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL6595 Datasheet HTML 9Page - Intersil Corporation ISL6595 Datasheet HTML 10Page - Intersil Corporation ISL6595 Datasheet HTML 11Page - Intersil Corporation ISL6595 Datasheet HTML 12Page - Intersil Corporation ISL6595 Datasheet HTML 13Page - Intersil Corporation ISL6595 Datasheet HTML 14Page - Intersil Corporation ISL6595 Datasheet HTML 15Page - Intersil Corporation ISL6595 Datasheet HTML 16Page - Intersil Corporation ISL6595 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
FN9192.2
December 4, 2008
External Temperature Sense
When configured to sense temperature from an external
thermistor, the temperature sense input, TEMP_SEN, is set
at virtual ground with a fixed offset of 300mV. An external
negative TC thermistor is tied to ground, generating the input
current for the measurement. A series and shunt resistor
network should be used to scale the resultant current to the
proper range. The current range is the same as the current
sense inputs, from 0µA to 275µA in 4.3µA steps.
The ADC measurements are converted to temperature using
a programmable 4-segment piece-wise linear table while the
internal proportional-to-absolute temperature (PTAT)
reference is digitized directly, using a linear curve fit. Both
internal and external temperature measurements are
multiplexed through the current ADC at a low frequency,
providing run-time internal and external temperature
information to perform temperature compensation, reporting,
alerts and shutdown.
Digital Control Loop and PWM Generation
The digital control loop uses a proportional, integral, and
derivative (PID) compensator to drive the digitized sense
voltage to the desired target. An additional second
derivative gain term and a 2nd order post-filter provide
additional high order zeros and poles to further refine the
wideband characteristics of the loop. All loop parameters are
programmable over a wide range of values, allowing loop
bandwidths of 10kHz to 300kHz to be attained depending on
the number and type of power stages used.
The effective transfer function of the compensator is given
by Equation 7:
where:
Ki, Kp, Kd, and Kd2 are the integral, proportional,
derivative, and second derivative gain terms
Kfd1 and Kfd2 are the coefficients of a second order all
pole low pass post-filter
Kmod is a programmable maximum duty cycle scaling
term
Nph is the number of phases and div_sel is the divider
ratio setting the switching frequency
VIN is the power stage input voltage, typically 12V
Q is the ADC step size, 3.125mV
The control loop operates at the same frequency as the
voltage ADC, which is synchronous to the switching
frequency and given by Equation 8:
The compensator digital output is converted to a pulse width
using a digital counter based pulse width modulator. The
pulse width modulator uses two successive samples to
modulate the leading edge and then the trailing edge of a
pulse. The modulator provides for monotonic edge
placements with a resolution of 100ps. The next two
samples are then used to modulate the next phase in the
firing sequence. The pulse width modulator is capable of
setting a maximum duty cycle limit, overlapping adjacent
phases, a minimum pulse width of 13ns, and also producing
zero pulse width with minimal glitching.
Voltage Identification Codes
The target voltage is provided by external parallel 8-bit
voltage identification (VID) inputs. The ISL6595 is fully
compliant with VRD/VRM 11.0 deglitching and dynamic VID
stepping requirements.
ISL6594
ISL6595
VIN
ISEN+
ISEN-
VOUT
PWM
PWM
ADC
FIGURE 4. DIFFERENTIAL DCR SENSE
Hz
()
K
i
1z
1
–
–
------------------
K
p
K
d
1z
1
–
–
() K
d2 1z
1
–
–
()
2
+
()
++
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 7)
1K
fd1
K
fd2
++
()
1K
fd1z
1
–
K
fd1z
2
–
++
----------------------------------------------------------
⎝⎠
⎜⎟
⎛⎞
K
mod
N
ph div_sel
⋅
-----------------------------------
⎝⎠
⎜⎟
⎛⎞ V
IN
Q
---------
⎝⎠
⎛⎞
F
S
2∗Nph*fsw
156.25MHz/div_sel
==
(EQ. 8)
ISL6595



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com