Electronic Components Datasheet Search
  English  ▼

X  

ISL6595 Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL6595
Description  Digital Multiphase Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6595 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL6595 Datasheet HTML 8Page - Intersil Corporation ISL6595 Datasheet HTML 9Page - Intersil Corporation ISL6595 Datasheet HTML 10Page - Intersil Corporation ISL6595 Datasheet HTML 11Page - Intersil Corporation ISL6595 Datasheet HTML 12Page - Intersil Corporation ISL6595 Datasheet HTML 13Page - Intersil Corporation ISL6595 Datasheet HTML 14Page - Intersil Corporation ISL6595 Datasheet HTML 15Page - Intersil Corporation ISL6595 Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
FN9192.2
December 4, 2008
supported by the ISL6595. These are single-ended rDS(ON)
sense of the low-side FET, differential rDS(ON) sense of the
low-side FET, or differential DCR sense of the buck inductor.
The sensed current is digitized using a multiplexed current
ADC.
For low-side rDS(ON) current sense applications, the ISENx+
pin is held at virtual ground with a programmable offset from
25mV to 100mV. An external sense resistor is connected to
the drain of the low side FET to monitor the current in this
device. The current sourced from the input is then given in
Equation 3:
where input current is digitized with the ADC with an
effective ADC range of 0µA to 275µA in 4.3µA steps.
For DCR current sense applications, a resistor in series with
a capacitor is placed across the inductor for each phase. In
this configuration, the resistor is tied to the FET side of the
inductor while the capacitor is tied to the load side of the
inductor. If the RC values are chosen such that the RC time
constant matches the L/DCR time constant, the resultant
voltage appearing across the capacitor will equal the voltage
across the inductor series resistance and thus represent the
current flowing through the inductor. In this application, a
sense resistor is then placed from the ISENx+ pin to the load
side of the capacitor while the ISENx- pin in placed on the
FET side of the capacitor. The current sourced from the input
is then given in Equation 4:
where Input current is digitized with the ADC with an
effective ADC range of 0µA to 275µA in 4.3µA steps.
Differential rDS(ON) Current Sense
The positive current sense inputs (ISEN1+ to ISEN6+) are
held at a virtual ground with a programmable offset from
25mV to 100mV, in 25mV steps. The negative current sense
inputs (ISEN1- to ISEN6-) should be tied to the ground plane
local to the low side FET being sensed to eliminate the
effects of ground differences between the FET and the
ISL6595. The large voltage swing at the drain of the low side
FET is eliminated by using a series resistor, converting the
signal to a current equal to that in Equation 5:
where ISENSE is the current sourced by the sense input,
Voffset is the programmable offset, VDS is the voltage
across the low side FET, and RSENSE is an external resistor
whose value is chosen to scale the input depending on the
expected rDS(ON).
The input current is mirrored and multiplexed, then digitized
by the 6-bit current ADC with an effective input range of
0µA to 275µA in 4.3µA steps. The ADC samples the current
in each phase once per switching cycle, and the sampling
instant can be varied using a programmable delay, such that
sampling in the middle of the ON-cycle can be guaranteed.
The current in the power stage can then be inferred from the
current ADC measurement if the drain-source resistance
(rDS(ON)) of the FET is known. The rDS(ON) of each FET
can be either programmed as a default value, or it can be
determined by running the calibration routine either one time
at system test or every time the system starts up. Calibration
is performed by providing a known current load while the
regulator is on and correcting the gain and offset of the
current measurement. This requires the use of a precision
external current source consisting of a dedicated calibration
FET and sense resistor. The ISL6595 senses the voltage
across the resistor and provides a variable voltage to drive
the gate of the calibration FET, varying its rDS(ON) such that
the current through the FET and resistor are under closed
loop control. The calibration current and voltage level at
which calibration occurs are programmable, and the
calibration routine can be bypassed if the default values are
to be used. The rDS(ON) value is compensated for
temperature drift using either the on-chip temperature sense
or an external thermistor that can be placed close to the
power stage.
Differential DCR Current Sense
For DCR current sense applications, a resistor in series with
a capacitor is placed across the inductor for each phase. In
this configuration, the resistor is tied to the FET side of the
inductor while the capacitor is tied to the load side of the
inductor. If the RC values are chosen such that the RC time
constant matches the L/DCR time constant, the resultant
voltage appearing across the capacitor will equal the voltage
across the inductor series resistance and thus represent the
current flowing through the inductor. In this application, a
sense resistor is then placed from the ISENX+ pin to the
load side of the capacitor while the ISENX- pin in placed on
the FET side of the capacitor. The current sourced from the
input is then given in Equation 6:
where input current is digitized with the ADC with an
effective ADC range of 0µA to 275µA in 4.3µA steps.
ISEN
V
OFFSET
Vr
DS ON
()
–
()
R
SEN1
-----------------------------------------------------------------
=
(EQ. 3)
ISEN
V
OFFSET
V
DCR
–
()
R
SEN
------------------------------------------------------
=
(EQ. 4)
ISENSE
V
OFFSET
V
DS
–
()
R
SENSE
-------------------------------------------------
=
(EQ. 5)
ISEN
V
OFFSET
V
DCR
–
()
R
SENSE
------------------------------------------------------
=
(EQ. 6)
ISL6595



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com