Electronic Components Datasheet Search
  English  ▼

X  

ISL6595 Datasheet(PDF) 22 Page - Intersil Corporation

Part # ISL6595
Description  Digital Multiphase Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6595 Datasheet(HTML) 22 Page - Intersil Corporation

Back Button ISL6595 Datasheet HTML 14Page - Intersil Corporation ISL6595 Datasheet HTML 15Page - Intersil Corporation ISL6595 Datasheet HTML 16Page - Intersil Corporation ISL6595 Datasheet HTML 17Page - Intersil Corporation ISL6595 Datasheet HTML 18Page - Intersil Corporation ISL6595 Datasheet HTML 19Page - Intersil Corporation ISL6595 Datasheet HTML 20Page - Intersil Corporation ISL6595 Datasheet HTML 21Page - Intersil Corporation ISL6595 Datasheet HTML 22Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
22
FN9192.2
December 4, 2008
ISL6595
Package Outline Drawing
L48.7x7P
48 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 1, 7/08
TYPICAL RECOMMENDED LAND PATTERN
DETAIL "X"
SIDE VIEW
TOP VIEW
BOTTOM VIEW
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
C
0 . 2 REF
0 . 05 MAX.
0 . 00 MIN.
5
7.00
A
B
(4X)
0.15
6
PIN 1
INDEX AREA
37
PIN #1 INDEX AREA
48
44x 0.50
12
1
36
48X 0.40 ± 0.10
6
Max 1.00
SEE DETAIL "X"
0.08
0.10
C
C
C
0.10
48X 0.23
A
MC
B
4
2.00 typ
4.00 sq
8x 1.63
8x 2.66
8x 0.33
8x 0.98
0.30 typ
24
13
4X 5.50
R 0.15 typ.
44x (0.50)
48X (0.23)
(2.00) typ
(4.00) sq
8x (1.63)
8x (2.66)
8x (0.33)
8x (0.98)
(0.30) typ
4X (5.50)
48X (0.60)
4X (6.80)
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com