Electronic Components Datasheet Search
  English  ▼

X  

EPCS1 Datasheet(PDF) 14 Page - Altera Corporation

Part # EPCS1
Description  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS1 Datasheet(HTML) 14 Page - Altera Corporation

Back Button EPCS1 Datasheet HTML 10Page - Altera Corporation EPCS1 Datasheet HTML 11Page - Altera Corporation EPCS1 Datasheet HTML 12Page - Altera Corporation EPCS1 Datasheet HTML 13Page - Altera Corporation EPCS1 Datasheet HTML 14Page - Altera Corporation EPCS1 Datasheet HTML 15Page - Altera Corporation EPCS1 Datasheet HTML 16Page - Altera Corporation EPCS1 Datasheet HTML 17Page - Altera Corporation EPCS1 Datasheet HTML 18Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
3–14
    
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
Serial Configuration Device Memory Access
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
Operation Codes
This section describes the operations that can be used to access the memory in serial
configuration devices. The DATA, DCLK, ASDI, and nCS signals access the memory in
serial configuration devices. All serial configuration device operation codes,
addresses and data are shifted in and out of the device serially, with the most
significant bit (MSB) first.
The device samples the active serial data input on the first rising edge of the DCLK
after the active low chip select (nCS) input signal is driven low. Shift the operation
code (MSB first) serially into the serial configuration device through the active serial
data input (ASDI) pin. Each operation code bit is latched into the serial configuration
device on the rising edge of the DCLK.
Different operations require a different sequence of inputs. While executing an
operation, you must shift in the desired operation code, followed by the address
bytes, data bytes, both, or neither. The device must drive nCS high after the last bit of
the operation sequence is shifted in. Table 3–8 lists the operation sequence for every
operation supported by the serial configuration devices.
For the read byte, read status, and read silicon ID operations, the shifted-in operation
sequence is followed by data shifted out on the DATA pin. You can drive the nCS pin
high after any bit of the data-out sequence is shifted out.
For the write byte, erase bulk, erase sector, write enable, write disable, and write
status operations, drive the nCS pin high exactly at a byte boundary (drive the nCS
pin high a multiple of eight clock pulses after the nCS pin is driven low); otherwise,
the operation is rejected and is not executed.
All attempts to access the memory contents while a write or erase cycle is in progress
will not be granted, and the write or erase cycle will continue unaffected.
1
H'10000
H'1FFFF
0
H'00000
H'0FFFF
Table 3–7. Address Range for Sectors in EPCS1
Sector
Address Range (Byte Addresses in HEX)
Start
End
3
H'18000
H'1FFFF
2
H'10000
H'17FFF
1
H'08000
H'0FFFF
0
H'00000
H'07FFF
Table 3–6. Address Range for Sectors in EPCS4 (Part 2 of 2)
Sector
Address Range (Byte Addresses in HEX)
Start
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com