Electronic Components Datasheet Search
  English  ▼

X  

EPCS1 Datasheet(PDF) 30 Page - Altera Corporation

Part # EPCS1
Description  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS1 Datasheet(HTML) 30 Page - Altera Corporation

Back Button EPCS1 Datasheet HTML 26Page - Altera Corporation EPCS1 Datasheet HTML 27Page - Altera Corporation EPCS1 Datasheet HTML 28Page - Altera Corporation EPCS1 Datasheet HTML 29Page - Altera Corporation EPCS1 Datasheet HTML 30Page - Altera Corporation EPCS1 Datasheet HTML 31Page - Altera Corporation EPCS1 Datasheet HTML 32Page - Altera Corporation EPCS1 Datasheet HTML 33Page - Altera Corporation EPCS1 Datasheet HTML 34Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
3–30
    
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
Programming and Configuration File Support
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
Programming and Configuration File Support
The Quartus II software provides programming support for serial configuration
devices. After selecting the serial configuration device, the Quartus II software
automatically generates the Programmer Object File (.pof) to program the device. The
software allows users to select the appropriate serial configuration device density that
most efficiently stores the configuration data for a selected FPGA.
The serial configuration device can be programmed in-system by an external
microprocessor using SRunner. SRunner is a software driver developed for embedded
serial configuration device programming that you can customize to fit in different
embedded systems. The SRunner can read .rpd files and write to the serial
configuration devices. The programming time is comparable to the Quartus II
software programming time. Note that writing and reading the .rpd file to the EPCS is
different from other data and address bytes. The LSB of .rpd bytes must be shifted out
first during the read bytes instruction and the LSB of .rpd bytes must be shifted in first
during the write bytes instruction. This is because the FPGA reads the LSB of the .rpd
data first during the configuration process.
f For more information about SRunner, refer to AN 418: SRunner: An Embedded Solution
for Serial Configuration Device Programming User Guide and the source code on the
Altera website (www.altera.com).
Serial configuration devices can be programmed using the APU with the appropriate
programming adapter (PLMSEPC-8) via the Quartus II software, USB Blaster,
EthernetBlaster, or the ByteBlaster II download cable via the Quartus II software. In
addition, many third-party programmers, such as BP Microsystems and System
General, offer programming hardware that supports serial configuration devices.
During in-system programming of a serial configuration device via the USB Blaster,
EthernetBlaster, or ByteBlaster II download cable, the cable pulls nCONFIG low to
reset the FPGA and overrides the 10-k pull-down resistor on the FPGA’s nCE pin
(refer to Figure 3–2). The download cable then uses the four interface pins (DATA, nCS,
ASDI
, and DCLK) to program the serial configuration device. When the programming
is complete, the download cable releases the serial configuration device’s four
interface pins and the FPGA’s nCE pin, and pulses nCONFIG to start configuration.
The FPGA can program the serial configuration device in-system using the JTAG
interface with the Serial FlashLoader. This solution allows you to indirectly program
the serial configuration device using the same JTAG interface that is used to configure
the FPGA.
f For more information about the Serial FlashLoader, refer to AN 370: Using the Serial
FlashLoader with the Quartus II Software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com