Electronic Components Datasheet Search
  English  ▼

X  

EPCS1 Datasheet(PDF) 19 Page - Altera Corporation

Part # EPCS1
Description  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS1 Datasheet(HTML) 19 Page - Altera Corporation

Back Button EPCS1 Datasheet HTML 15Page - Altera Corporation EPCS1 Datasheet HTML 16Page - Altera Corporation EPCS1 Datasheet HTML 17Page - Altera Corporation EPCS1 Datasheet HTML 18Page - Altera Corporation EPCS1 Datasheet HTML 19Page - Altera Corporation EPCS1 Datasheet HTML 20Page - Altera Corporation EPCS1 Datasheet HTML 21Page - Altera Corporation EPCS1 Datasheet HTML 22Page - Altera Corporation EPCS1 Datasheet HTML 23Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
3–19
Serial Configuration Device Memory Access
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
Write Status Operation
The write status operation code is b'0000 0001, with the MSB listed first. Use the
write status operation to set the status register block protection bits. The write status
operation has no effect on the other bits. Therefore, you can implement this operation
to protect certain memory sectors, as defined in Table 3–9 through Table 3–13. After
setting the block protect bits, the protected memory sectors are treated as read-only
memory. You must execute the write enable operation before the write status
operation so the device sets the status register’s write enable latch bit to 1.
The write status operation is implemented by driving nCS low, followed by shifting in
the write status operation code and one data byte for the status register on the ASDI
pin. Figure 3–10 shows the timing diagram for the write status operation. nCS must be
driven high after the eighth bit of the data byte has been latched in, otherwise, the
write status operation is not executed.
Immediately after nCS drives high, the device initiates the self-timed write status
cycle. The self-timed write status cycle usually takes 5 ms for all serial configuration
devices and is guaranteed to be less than 15 ms (refer to tWS in Table 3–16). You must
account for this delay to ensure that the status register is written with desired block
protect bits. Alternatively, you can check the write in progress bit in the status register
by executing the read status operation while the self-timed write status cycle is in
progress. The write in progress bit is 1 during the self-timed write status cycle, and 0
when it is complete.
Figure 3–9. Read Status Operation Timing Diagram
nCS
DCLK
ASDI
DATA
0
1
2
3
4
5
6
7
8
9
101112131415
765432107
2107
6543
Operation Code
MSB
MSB
Status Register Out
Status Register Out
High Impedance
Figure 3–10. Write Status Operation Timing Diagram
nCS
DCLK
ASDI
DATA
0
1
2
3
4
5
6
7
8
9
101112131415
Operation Code
Status Register
76543210
MSB
High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com