Electronic Components Datasheet Search
  English  ▼

X  

EPCS1 Datasheet(PDF) 25 Page - Altera Corporation

Part # EPCS1
Description  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS1 Datasheet(HTML) 25 Page - Altera Corporation

Back Button EPCS1 Datasheet HTML 21Page - Altera Corporation EPCS1 Datasheet HTML 22Page - Altera Corporation EPCS1 Datasheet HTML 23Page - Altera Corporation EPCS1 Datasheet HTML 24Page - Altera Corporation EPCS1 Datasheet HTML 25Page - Altera Corporation EPCS1 Datasheet HTML 26Page - Altera Corporation EPCS1 Datasheet HTML 27Page - Altera Corporation EPCS1 Datasheet HTML 28Page - Altera Corporation EPCS1 Datasheet HTML 29Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
3–25
Serial Configuration Device Memory Access
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
You must account for this delay before accessing the memory contents. Alternatively,
you can check the write in progress bit in the status register by executing the read
status operation while the self-timed erase cycle is in progress. The write in progress
bit is 1 during the self-timed erase cycle and 0 when it is complete. The write enable
latch bit in the status register is reset to 0 before the erase cycle is complete.
Erase Sector Operation
The erase sector operation code is b'1101 1000, with the MSB listed first. The erase
sector operation allows the user to erase a certain sector in the serial configuration
device by setting all bits inside the sector to 1 or 0xFF. This operation is useful for
users who access the unused sectors as general purpose memory in their applications.
The write enable operation must be executed prior to the erase sector operation so
that the write enable latch bit in the status register is set to 1.
The erase sector operation is implemented by first driving nCS low, then shifting in
the erase sector operation code and the three address bytes of the chosen sector on the
ASDI
pin. The three address bytes for the erase sector operation can be any address
inside the specified sector. (Refer to Table 3–3 through Table 3–7 for sector address
range information.) Drive nCS high after the eighth bit of the erase sector operation
code has been latched in. Figure 3–17 shows the timing diagram.
Immediately after the device drives nCS high, the self-timed erase sector cycle is
initiated. Refer to tES in Table 3–16 for the self-timed erase sector cycle time for the
respective EPCS devices. You must account for this amount of delay before the
memory contents can be accessed. Alternatively, you can check the write in progress
bit in the status register by executing the read status operation while the erase cycle is
in progress. The write in progress bit is 1 during the self-timed erase cycle and 0 when
it is complete. The write enable latch bit in the status register resets to 0 before the
erase cycle is complete.
Figure 3–16. Erase Bulk Operation Timing Diagram
nCS
DCLK
ASDI
01234567
Operation Code
Figure 3–17. Erase Sector Operation Timing Diagram
Note to Figure 3–17:
(1) Address bit A[23] is a don't-care bit in EPCS64. Address bits A[23..21] are don't-care bits in EPCS16. Address bits A[23..19] are don't-
care bits in EPCS4. Address bits A[23..17] are don't-care bits in EPCS1.
nCS
DCLK
ASDI
01234567
89
28
29
30
31
Operation Code
24-Bit Address (1)
23
22
3
2
1
0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com