Electronic Components Datasheet Search
  English  ▼

X  

EPCS1 Datasheet(PDF) 17 Page - Altera Corporation

Part # EPCS1
Description  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS1 Datasheet(HTML) 17 Page - Altera Corporation

Back Button EPCS1 Datasheet HTML 13Page - Altera Corporation EPCS1 Datasheet HTML 14Page - Altera Corporation EPCS1 Datasheet HTML 15Page - Altera Corporation EPCS1 Datasheet HTML 16Page - Altera Corporation EPCS1 Datasheet HTML 17Page - Altera Corporation EPCS1 Datasheet HTML 18Page - Altera Corporation EPCS1 Datasheet HTML 19Page - Altera Corporation EPCS1 Datasheet HTML 20Page - Altera Corporation EPCS1 Datasheet HTML 21Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
3–17
Serial Configuration Device Memory Access
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
Resetting the write enable latch bit to 0 indicates that no write or erase cycle will be
accepted. Set the write enable latch bit to 1 before every write bytes, write status,
erase bulk, and erase sector operation.
The non-volatile block protect bits determine the area of the memory protected from
being written or erased unintentionally. Table 3–9 through Table 3–13 list the
protected area in the serial configuration devices with reference to the block protect
bits. The erase bulk operation is only available when all the block protect bits are 0.
When any of the block protect bits are set to 1, the relevant area is protected from
being written by write bytes operations or erased by erase sector operations.
Table 3–9. Block Protection Bits in EPCS1
Status Register Content
Memory Content
BP1 Bit
BP0 Bit
Protected Area
Unprotected Area
00
None
All four sectors: 0 to 3
01
Sector 3
Three sectors: 0 to 2
10
Two sectors: 2 and 3
Two sectors: 0 and 1
11
All sectors
None
Table 3–10. Block Protection Bits in EPCS4
Status Register Content
Memory Content
BP2 Bit
BP1 Bit
BP0 Bit
Protected Area
Unprotected Area
00
0
None
All eight sectors: 0 to 7
00
1
Sector 7
Seven sectors: 0 to 6
01
0
Sectors 6 and 7
Six sectors: 0 to 5
01
1
Four sectors: 4 to 7
Four sectors: 0 to 3
10
0
All sectors
None
10
1
All sectors
None
11
0
All sectors
None
11
1
All sectors
None
Table 3–11. Block Protection Bits in EPCS16 (Part 1 of 2)
Status Register
Content
Memory Content
BP2
Bit
BP1
Bit
BP0
Bit
Protected Area
Unprotected Area
00
0
None
All sectors (32 sectors 0 to 31)
00
1
Upper 32nd (Sector 31)
Lower 31/32nds (31 sectors: 0 to 30)
01
0
Upper sixteenth (two sectors: 30 and 31)
Lower 15/16ths (30 sectors: 0 to 29)
01
1
Upper eighth (four sectors: 28 to 31)
Lower seven-eighths (28 sectors: 0 to 27)
10
0
Upper quarter (eight sectors: 24 to 31)
Lower three-quarters (24 sectors: 0 to 23)
10
1
Upper half (sixteen sectors: 16 to 31)
Lower half (16 sectors: 0 to 15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com