Electronic Components Datasheet Search
  English  ▼

X  

EPCS1 Datasheet(PDF) 33 Page - Altera Corporation

Part # EPCS1
Description  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS1 Datasheet(HTML) 33 Page - Altera Corporation

Back Button EPCS1 Datasheet HTML 29Page - Altera Corporation EPCS1 Datasheet HTML 30Page - Altera Corporation EPCS1 Datasheet HTML 31Page - Altera Corporation EPCS1 Datasheet HTML 32Page - Altera Corporation EPCS1 Datasheet HTML 33Page - Altera Corporation EPCS1 Datasheet HTML 34Page - Altera Corporation EPCS1 Datasheet HTML 35Page - Altera Corporation EPCS1 Datasheet HTML 36Page - Altera Corporation EPCS1 Datasheet HTML 37Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
3–33
Pin Information
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
Pin Information
As shown in Figure 3–21 and Figure 3–22, the serial configuration device is an 8-pin or
16-pin device. The control pins on the serial configuration device are: serial data
output (DATA), active serial data input (ASDI), serial clock (DCLK), and chip select
(nCS). Table 3–23 lists the serial configuration device's pin descriptions.
Figure 3–21 shows the Altera serial configuration device 8-pin SOIC package and its
pin-out diagram.
Figure 3–22 shows the Altera serial configuration device 16-pin SOIC package and its
pin-out diagram.
Figure 3–21. Altera Serial Configuration Device 8-Pin SOIC Package Pin-Out Diagram
Figure 3–22. Altera Serial Configuration Device 16-Pin SOIC Package Pin-Out Diagram
Note to Figure 3–22:
(1) These pins can be left floating or connected to VCC or GND, whichever is more convenient on the board.
VCC
VCC
DCLK
ASDI
VCC
GND
nCS
DATA
EPCS1, EPCS4,
or EPCS16
1
2
3
4
8
7
6
5
DCLK
ASDI
N.C.
N.C.
N.C.
N.C.
VCC
VCC
N.C.
N.C.
GND
VCC
nCS
DATA
N.C.
N.C.
EPCS16,
EPCS64,
or EPCS128
1
2
3(1)
4(1)
16
15
14(1)
13(1)
5(1)
6(1)
7
8
12(1)
11(1)
10
9
Table 3–23. Serial Configuration Device Pin Description (Part 1 of 2)
Pin
Name
Pin Number
in 8-Pin
SOIC
Package
Pin Number
in 16-Pin
SOIC
Package
Pin Type
Description
DATA
2
8
Output
The DATA output signal transfers data serially out of the serial
configuration device to the FPGA during read/configuration operation.
During read/configuration operations, the serial configuration device
is enabled by pulling nCS low. The DATA signal transitions on the
falling edge of DCLK.
ASDI
5
15
Input
The AS data input signal is used to transfer data serially into the serial
configuration device. It receives the data that should be programmed
into the serial configuration device. Data is latched on the rising edge
of DCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com