Electronic Components Datasheet Search
  English  ▼

X  

MAX6876 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX6876
Description  EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6876 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX6876 Datasheet HTML 10Page - Maxim Integrated Products MAX6876 Datasheet HTML 11Page - Maxim Integrated Products MAX6876 Datasheet HTML 12Page - Maxim Integrated Products MAX6876 Datasheet HTML 13Page - Maxim Integrated Products MAX6876 Datasheet HTML 14Page - Maxim Integrated Products MAX6876 Datasheet HTML 15Page - Maxim Integrated Products MAX6876 Datasheet HTML 16Page - Maxim Integrated Products MAX6876 Datasheet HTML 17Page - Maxim Integrated Products MAX6876 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
EEPROM-Programmable, Quad,
Power-Supply Tracker/Sequencer Circuit
14
______________________________________________________________________________________
voltages at the sources of the MOSFETs are compared
to each other to ensure that the voltage differential
between each monitored supply does not exceed
250mV (typ). Tracking is dynamically adjusted to force
all outputs to track within a ±125mV window from a ref-
erence ramp; if, for any reason, any supply fails to track
within ±250mV from the reference ramp, the FAULT
output is asserted, the power-up mode is terminated,
and all outputs are powered off. Power-up mode is in
the same way terminated if the controlled voltages fail
to complete the ramp up within a programmable FAULT
timeout. The MAX6876 generates all required voltages
(with internal charge pumps) and timing to control up to
four external n-channel MOSFETs for the OUT1–OUT4
supply voltages.
A synchronization feature allows up to 16 voltages to
be tracked simultaneously. In addition, HOLD and
SYNCH communicate synchronization status between
master/slave devices in multiple MAX6876 applications.
Other features of the MAX6876 include a reset circuit
with an I2C-programmable timeout feature. A manual
reset input (MR) and a margin disable input (MARGIN)
allow for more control during the manufacturing process.
The device also features four power-good outputs (PG_),
an overcurrent output (OC), and a bus-removal safe
(REM) output. The device has an accurate internal 1.25V
reference; for greater accuracy, connect an external
+1.25V reference to REFIN.
COMP
COMP
COMP
COMP
CONTROL
LOGIC
1.25V
INTERNAL
SUPPLY/UVLO
EEPROM/
CONFIGURATION
REGISTERS
REF
IN1
UV/OV
IN2
UV/OV
IN3
UV/OV
IN4
UV/OV
TRACKING
MONITORS
OUT1
OUT2
OUT3
OUT4
IN1
IN2
IN3
IN4
RAMP
GENERATOR
IN1
IN2
IN3
IN4
VCC
CHARGE
PUMP
OVER-
CURRENT
DETECT
VCP1 = VIN1 + 5V
COMP
IN1
IN1
VTHPG
IN2 TO OUT2
CONTROL BLOCK
GATE2
PG2
OUT2
IN3 TO OUT3
CONTROL BLOCK
GATE3
PG3
OUT3
IN4 TO OUT4
CONTROL BLOCK
GATE4
PG4
OUT4
PG1
MAX6876
RAMP
ABP
GND
ABP
GATE1 OUT1
ABP
Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com