Electronic Components Datasheet Search
  English  ▼

X  

MAX6876 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6876
Description  EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6876 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6876 Datasheet HTML 1Page - Maxim Integrated Products MAX6876 Datasheet HTML 2Page - Maxim Integrated Products MAX6876 Datasheet HTML 3Page - Maxim Integrated Products MAX6876 Datasheet HTML 4Page - Maxim Integrated Products MAX6876 Datasheet HTML 5Page - Maxim Integrated Products MAX6876 Datasheet HTML 6Page - Maxim Integrated Products MAX6876 Datasheet HTML 7Page - Maxim Integrated Products MAX6876 Datasheet HTML 8Page - Maxim Integrated Products MAX6876 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
EEPROM-Programmable, Quad,
Power-Supply Tracker/Sequencer Circuit
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages are referenced to GND, unless otherwise noted.)
GATE_.............................................................-0.3V to (IN_ + 6V)
IN1–IN4, VCC ............................................................-0.3V to +6V
OUT1–OUT4, SYNCH, ABP,
REFIN...............................-0.3V to Max (IN1–IN4, VCC ) + 0.3V
ENABLE, TRKEN, HOLD, FAULT, MR, MARGIN......-0.3V to +6V
RESET, PG1–PG4, OC, REM....................................-0.3V to +6V
SDA, SCL, A0, A1.....................................................-0.3V to +6V
Input/Output Current (all pins except OUT_ and GND) ...±20mA
OUT_, GND Current..........................................................±50mA
Continuous Power Dissipation (TA = +70°C)
36-Pin, 6mm x 6mm Thin QFN
(derate 26.3mW/°C above +70°C) ..............................2105mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Maximum Junction Temperature .....................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC, IN1–IN4 = +2.7V to +5.5V; ENABLE = MARGIN = MR = ABP = TRKEN; TA = -40°C to +85°C, unless otherwise specified.
Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GATE_ = PG_ = RESET = 0
1.4
Operating Voltage Range
(Note 2)
VCC
Voltage on ABP (from VCC or IN1–IN4) to
ensure the device is fully operational
2.7
5.5
V
Undervoltage Lockout
VUVLO
Minimum voltage on ABP (from VCC or
IN1–IN4) to ensure the device is EEPROM
configured
2.5
V
VCC = 5.5V, IN1–IN4 = 3.3V, no load
1.8
3
Supply Current
ICC
Configuration registers or memory access,
no load
2.5
4
mA
IN1–IN4 (in 20mV increments)
1.00
5.50
IN_ Threshold Range
VTH
IN1–IN4 (in 10mV increments)
0.50
3.05
V
TA = 0°C to +85°C
0.5V < IN_ < 5.5V, IN_
falling for UV, rising for
OV
-1.5
+1.5
%
2V < IN_ < 5.5V, IN_
falling for UV, rising for
OV (20mV increments)
-2.5
+2.5
%
1V < IN_ < 2V, IN_
falling for UV, rising for
OV (20mV increments)
-50
+50
mV
1V < IN_ < 3.05V, IN_
falling for UV, rising for
OV (10mV increments)
-2.5
+2.5
%
Threshold Accuracy
TA = -40°C to
+85°C
0.5V < IN_ < 1V, IN_
falling for UV, rising for
OV (10mV increments)
-25
+25
mV
Threshold Hysteresis
VTH_HYS
0.5
%VTH
RESET Threshold Tempco
∆VTH/C
50
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com