Electronic Components Datasheet Search
  English  ▼

X  

MAX6876 Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # MAX6876
Description  EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6876 Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button MAX6876 Datasheet HTML 29Page - Maxim Integrated Products MAX6876 Datasheet HTML 30Page - Maxim Integrated Products MAX6876 Datasheet HTML 31Page - Maxim Integrated Products MAX6876 Datasheet HTML 32Page - Maxim Integrated Products MAX6876 Datasheet HTML 33Page - Maxim Integrated Products MAX6876 Datasheet HTML 34Page - Maxim Integrated Products MAX6876 Datasheet HTML 35Page - Maxim Integrated Products MAX6876 Datasheet HTML 36Page - Maxim Integrated Products MAX6876 Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
EEPROM-Programmable, Quad,
Power-Supply Tracker/Sequencer Circuit
______________________________________________________________________________________
33
REGISTER
ADDRESS
EEPROM MEMORY
ADDRESS
READ/WRITE
DESCRIPTION
07h
27h
R/W
IN4 Overvoltage Threshold Value (VTH):
VTH = 1.0 + n x 20mV (if R08[4] = 0)
VTH = 0.5 + n x 10mV (if R08[4] = 1)
where n is the register content decimal representation. Note that VTH
ranges must be 1V to 5.5V and 0.5V to 3.05V, respectively.
Bit 7—If 0, 20mV steps in VTH setting for IN1
If 1, 10mV steps in VTH setting for IN1
Bit 6—If 0, 20mV steps in VTH setting for IN2
If 1, 10mV steps in VTH setting for IN2
Bit 5—If 0, 20mV steps in VTH setting for IN3
If 1, 10mV steps in VTH setting for IN3
Bit 4—If 0, 20mV steps in VTH setting for IN4
If 1, 10mV steps in VTH setting for IN4
Bit 3—UV1 or OV1 Fault (read only for register address). If 1, IN1 is under
undervoltage threshold or over overvoltage threshold. If 0, IN1 is over
undervoltage threshold and under overvoltage threshold.
Bit 2—UV2 or OV2 Fault (read only for register address). If 1, IN2 is under
undervoltage threshold or over overvoltage threshold. If 0, IN2 is over
undervoltage threshold and under overvoltage threshold.
Bit 1—UV3 or OV3 Fault (read only for register address). If 1, IN3 is under
undervoltage threshold or over overvoltage threshold. If 0, IN3 is over
undervoltage threshold and under overvoltage threshold.
08h
28h
R/W
Bit 0—UV4 or OV4 Fault (read only for register address). If 1, IN4 is under
undervoltage threshold or over overvoltage threshold. If 0, IN4 is over
undervoltage threshold and under overvoltage threshold.
Bit [7:6] If “00” the device configuration is a single device
If “01” the device configuration is multiple devices, slave
If “10” the device configuration is multiple devices, slave
If “11” the device configuration is multiple devices, master
Bit 5—If 1, latch-on fault
If 0, autoretry
Bit [4:2] “000” autoretry timer value = 25µs
“001” autoretry timer value = 12.5ms
“010” autoretry timer value = 25.0ms
“011” autoretry timer value = 50.0ms
“100” autoretry timer value = 100.0ms
“101” autoretry timer value = 200.0ms
“110” autoretry timer value = 400.0ms
“111” autoretry timer value = 1600.0ms
Bit 1—If 1, check I2C enable bit
If 0, ignore I2C enable bit
09h
29h
R/W
Bit 0—If 1 and 09h[1] = 1, I2C enabled
If 0 and 09h[1] = 1, I2C disabled
Table 16. Register Map (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com