Electronic Components Datasheet Search
  English  ▼

X  

MAX6876 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX6876
Description  EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6876 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX6876 Datasheet HTML 14Page - Maxim Integrated Products MAX6876 Datasheet HTML 15Page - Maxim Integrated Products MAX6876 Datasheet HTML 16Page - Maxim Integrated Products MAX6876 Datasheet HTML 17Page - Maxim Integrated Products MAX6876 Datasheet HTML 18Page - Maxim Integrated Products MAX6876 Datasheet HTML 19Page - Maxim Integrated Products MAX6876 Datasheet HTML 20Page - Maxim Integrated Products MAX6876 Datasheet HTML 21Page - Maxim Integrated Products MAX6876 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
EEPROM-Programmable, Quad,
Power-Supply Tracker/Sequencer Circuit
18
______________________________________________________________________________________
Inputs
IN1–IN4
The IN1–IN4 voltage detectors monitor voltages from
1V to 5.5V in 20mV increments, or +0.5V to +3.05V in
10mV increments. Use the following equations to set
the threshold voltages for IN_:
for +1V to +5.5V range.
for +0.5V to +3.05V range.
where VTH is the desired threshold voltage and x is the
decimal code for the desired threshold (Table 6). For
the +1V to +5.5V range, x must equal 225 or less; oth-
erwise, the threshold exceeds the maximum operating
voltage of IN1–IN4 (Table 6). An overvoltage or under-
voltage failure on an IN_ input immediately shuts down
all the OUT_ outputs and generates a FAULT in the
master/slave condition.
x
VV
V
TH
=
-.5
0
001
.
x
VV
V
TH
=
-1
002
.
REGISTER
ADDRESS
EEPROM MEMORY
ADDRESS
BIT RANGE
DESCRIPTION
Bit 7—If 1, reverse order of track/sequence power-down
If 0, GATE_ fast pulldown
Bit 6—If 1, OUT1 charges with internal pulldown
If 0, no pulldown is allowed
Bit 5—If 1, OUT2 charges with internal pulldown
If 0, no pulldown is allowed
Bit 4—If 1, OUT3 charges with internal pulldown
If 0, no pulldown is allowed
13h
33h
[7:3]
Bit 3—If 1, OUT4 charges with internal pulldown
If 0, no pulldown is allowed
“00” fault power-up timer value = 25ms
“01” fault power-up timer value = 50ms
“10” fault power-up timer value = 100ms
[7:6]
“11” fault power-up timer value = 200ms
“00” fault power-down timer value = 25ms
“01” fault power-down timer value = 50ms
“10” fault power-down timer value = 100ms
0Ah
2Ah
[5:4]
“11” fault power-down timer value = 200ms
Table 3. Program Power-Down and Power-Up
REGISTER
ADDRESS
EEPROM MEMORY
ADDRESS
BIT RANGE
DESCRIPTION
“00” track/sequence slew rate (rise or fall) = 800V/s
“01” track/sequence slew rate (rise or fall) = 400V/s
“10” track/sequence slew rate (rise or fall) = 200V/s
12h
32h
Bit [7:6]
“11” track/sequence slew rate (rise or fall) = 100V/s
Table 4. Setting the Slew Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com