Electronic Components Datasheet Search
  English  ▼

X  

E6000 Datasheet(PDF) 75 Page - Intel Corporation

Part # E6000
Description  Intel Core2 Extreme Processor
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 Datasheet(HTML) 75 Page - Intel Corporation

Back Button E6000 Datasheet HTML 71Page - Intel Corporation E6000 Datasheet HTML 72Page - Intel Corporation E6000 Datasheet HTML 73Page - Intel Corporation E6000 Datasheet HTML 74Page - Intel Corporation E6000 Datasheet HTML 75Page - Intel Corporation E6000 Datasheet HTML 76Page - Intel Corporation E6000 Datasheet HTML 77Page - Intel Corporation E6000 Datasheet HTML 78Page - Intel Corporation E6000 Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 118 page
background image
Datasheet
75
Land Listing and Signal Descriptions
THERMTRIP#
Output
In the event of a catastrophic cooling failure, the processor will
automatically shut down when the silicon has reached a
temperature approximately 20 °C above the maximum TC.
Assertion of THERMTRIP# (Thermal Trip) indicates the processor
junction temperature has reached a level beyond where permanent
silicon damage may occur. Upon assertion of THERMTRIP#, the
processor will shut off its internal clocks (thus, halting program
execution) in an attempt to reduce the processor junction
temperature. To protect the processor, its core voltage (VCC) must
be removed following the assertion of THERMTRIP#. Driving of the
THERMTRIP# signal is enabled within 10 μs of the assertion of
PWRGOOD (provided VTT and VCC are valid) and is disabled on de-
assertion of PWRGOOD (if VTT or VCC are not valid, THERMTRIP#
may also be disabled). Once activated, THERMTRIP# remains
latched until PWRGOOD, VTT, or VCC is de-asserted. While the de-
assertion of the PWRGOOD, VTT, or VCC will de-assert THERMTRIP#,
if the processor’s junction temperature remains at or above the trip
level, THERMTRIP# will again be asserted within 10 μs of the
assertion of PWRGOOD (provided VTT and VCC are valid).
TMS
Input
TMS (Test Mode Select) is a JTAG specification support signal used
by debug tools.
TRDY#
Input
TRDY# (Target Ready) is asserted by the target to indicate that it is
ready to receive a write or implicit writeback data transfer. TRDY#
must connect the appropriate pins/lands of all FSB agents.
TRST#
Input
TRST# (Test Reset) resets the Test Access Port (TAP) logic. TRST#
must be driven low during power on Reset.
VCC
Input
VCC are the power pins for the processor. The voltage supplied to
these pins is determined by the VID[7:0] pins.
VCCPLL
Input
VCCPLL provides isolated power for internal processor FSB PLLs.
VCC_SENSE
Output
VCC_SENSE is an isolated low impedance connection to processor
core power (VCC). It can be used to sense or measure voltage near
the silicon with little noise.
VCC_MB_
REGULATION
Output
This land is provided as a voltage regulator feedback sense point for
VCC. It is connected internally in the processor package to the sense
point land U27 as described in the Voltage Regulator-Down (VRD)
11.0 Processor Power Delivery Design Guidelines For Desktop
LGA775 Socket.
VID[7:0]
Output
VID[7:0] (Voltage ID) signals are used to support automatic
selection of power supply voltages (VCC). Refer to the Voltage
Regulator-Down (VRD) 11.0 Processor Power Delivery Design
Guidelines For Desktop LGA775 Socket for more information. The
voltage supply for these signals must be valid before the VR can
supply VCC to the processor. Conversely, the VR output must be
disabled until the voltage supply for the VID signals becomes valid.
The VID signals are needed to support the processor voltage
specification variations. See Table 2 for definitions of these signals.
The VR must supply the voltage that is requested by the signals, or
disable itself.
VID_SELECT
Output
This land is tied high on the processor package and is used by the
VR to choose the proper VID table. Refer to the Voltage Regulator-
Down (VRD) 11.0 Processor Power Delivery Design Guidelines For
Desktop LGA775 Socket for more information.
Table 25.
Signal Description (Sheet 1 of 9)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com